Electronic Components Datasheet Search
  English  ▼

X  

PAM2841 Datasheet(PDF) 15 Page - Diodes Incorporated

Part # PAM2841
Description  1.5A SW CURRENT, 40V PRECISION WLED DRIVER
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

PAM2841 Datasheet(HTML) 15 Page - Diodes Incorporated

Back Button PAM2841 Datasheet HTML 8Page - Diodes Incorporated PAM2841 Datasheet HTML 9Page - Diodes Incorporated PAM2841 Datasheet HTML 10Page - Diodes Incorporated PAM2841 Datasheet HTML 11Page - Diodes Incorporated PAM2841 Datasheet HTML 12Page - Diodes Incorporated PAM2841 Datasheet HTML 13Page - Diodes Incorporated PAM2841 Datasheet HTML 14Page - Diodes Incorporated PAM2841 Datasheet HTML 15Page - Diodes Incorporated PAM2841 Datasheet HTML 16Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 15 / 16 page
background image
PAM2841
Document number: DSxxxxx Rev. 1 - 5
15 of 16
www.diodes.com
September 2013
© Diodes Incorporated
PAM2841
A Product Line of
Diodes Incorporated
Package Outline Dimensions (cont.) (All dimensions in mm.)
DFN2x2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com