Electronic Components Datasheet Search
  English  ▼

X  

AP389X Datasheet(PDF) 7 Page - BCD Semiconductor Manufacturing Limited

Part # AP389X
Description  Enhanced Multi-touch Capacitive Touch Screen Controller
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BCDSEMI [BCD Semiconductor Manufacturing Limited]
Direct Link  http://www.bcdsemi.com
Logo BCDSEMI - BCD Semiconductor Manufacturing Limited

AP389X Datasheet(HTML) 7 Page - BCD Semiconductor Manufacturing Limited

Back Button AP389X Datasheet HTML 3Page - BCD Semiconductor Manufacturing Limited AP389X Datasheet HTML 4Page - BCD Semiconductor Manufacturing Limited AP389X Datasheet HTML 5Page - BCD Semiconductor Manufacturing Limited AP389X Datasheet HTML 6Page - BCD Semiconductor Manufacturing Limited AP389X Datasheet HTML 7Page - BCD Semiconductor Manufacturing Limited AP389X Datasheet HTML 8Page - BCD Semiconductor Manufacturing Limited AP389X Datasheet HTML 9Page - BCD Semiconductor Manufacturing Limited AP389X Datasheet HTML 10Page - BCD Semiconductor Manufacturing Limited AP389X Datasheet HTML 11Page - BCD Semiconductor Manufacturing Limited Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 19 page
background image
Data Sheet
Enhanced Multi-touch Capacitive Touch Screen Controller
AP389X
Apr. 2013
Rev. 1. 0
BCD Semiconductor Manufacturing Limited
7
Functional Block Diagram
Figure 4. Main AFE I/O Pin Assignment and Whole Chip’s Functional Block Diagram
Mode Control
Register Table
SDA
Analog signals S[23:1]
SCL
RSTN
D[38:1]
MUX
64K Flash
12K SRAM
I2C M/S
SFR
MCU
4~48M
OSC
CLK
MDU
INT
TESTEN
POR18
POR33
LVD
Stage 23
/
Stage 9
Stage 8
Stage 7
Stage 6
Stage 5
Stage 4
Stage 3
Stage 2
Stage 1
Stage 0
DAI
S/H
SAR
8-bit
ADC
VDD18
VDD33
P3.6
S11
S10
S9
S8
S7
S6
S1
S3
S4
S5
S2
P1.7
SAR
8-bit
ADC
VSS
D23
D24
D25
D29
D28
D27
D26
D22
D30
D31
D32
D33
D34
D35
D36
D37
D38
FIFO
896 12-bit SRAM
(Baseline)
896 8-bit SRAM
(CMOD_Buffer)
896 12-bit SRAM
(SCAN_Buffer)
+
-



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com