Electronic Components Datasheet Search
  English  ▼

X  

AP389X Datasheet(PDF) 8 Page - BCD Semiconductor Manufacturing Limited

Part # AP389X
Description  Enhanced Multi-touch Capacitive Touch Screen Controller
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BCDSEMI [BCD Semiconductor Manufacturing Limited]
Direct Link  http://www.bcdsemi.com
Logo BCDSEMI - BCD Semiconductor Manufacturing Limited

AP389X Datasheet(HTML) 8 Page - BCD Semiconductor Manufacturing Limited

Back Button AP389X Datasheet HTML 4Page - BCD Semiconductor Manufacturing Limited AP389X Datasheet HTML 5Page - BCD Semiconductor Manufacturing Limited AP389X Datasheet HTML 6Page - BCD Semiconductor Manufacturing Limited AP389X Datasheet HTML 7Page - BCD Semiconductor Manufacturing Limited AP389X Datasheet HTML 8Page - BCD Semiconductor Manufacturing Limited AP389X Datasheet HTML 9Page - BCD Semiconductor Manufacturing Limited AP389X Datasheet HTML 10Page - BCD Semiconductor Manufacturing Limited AP389X Datasheet HTML 11Page - BCD Semiconductor Manufacturing Limited AP389X Datasheet HTML 12Page - BCD Semiconductor Manufacturing Limited Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 19 page
background image
Data Sheet
Enhanced Multi-touch Capacitive Touch Screen Controller
AP389X
Apr. 2013
Rev. 1. 0
BCD Semiconductor Manufacturing Limited
8
G1: Green
Blank: Tray
TR: Tape & Reel
Ordering Information
AP389
-
Circuit Type
Package
Temperature Range
Part Number
Marking ID
Packing Type
QFN-7x7-56
-40 to 95°C
AP3890FN-G1
AP3890FN-G1
Tray
AP3890FNTR-G1
AP3890FN-G1
Tape & Reel
QFN-8x8-68
AP3891FN-G1
AP3891FN-G1
Tray
AP3891FNTR-G1
AP3891FN-G1
Tape & Reel
QFN-8x8-68
AP3892FN-G1
AP3892FN-G1
Tray
AP3892FNTR-G1
AP3892FN-G1
Tape & Reel
BCD Semiconductor's Pb-free products, as designated with "G1" in the part number, are RoHS compliant and
green.
Package
FN: QFN-7×7-56
/QFN-8×8-68
0: AP3890
1: AP3891
2: AP3892



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com