Electronic Components Datasheet Search
  English  ▼

X  

2891321 Datasheet(PDF) 1 Page - PHOENIX CONTACT

Part # 2891321
Description  FO converters - FL MC 1000 ST
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT

2891321 Datasheet(HTML) 1 Page - PHOENIX CONTACT

  2891321 Datasheet HTML 1Page - PHOENIX CONTACT 2891321 Datasheet HTML 2Page - PHOENIX CONTACT 2891321 Datasheet HTML 3Page - PHOENIX CONTACT 2891321 Datasheet HTML 4Page - PHOENIX CONTACT 2891321 Datasheet HTML 5Page - PHOENIX CONTACT 2891321 Datasheet HTML 6Page - PHOENIX CONTACT  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
https://www.phoenixcontact.com/us/products/2891321
09/30/2016   Page 1 / 6
FO converters - FL MC 1000 ST - 2891321
Please be informed that the data shown in this PDF Document is generated from our Online Catalog. Please find the complete data in the user's
documentation. Our General Terms of Use for Downloads are valid
(http://phoenixcontact.com/download)
FO converter with ST fiber optic connection (1300 nm), for converting 100Base-TX to multi-mode fiberglass. Auto
MDI(X) function and comprehensive link diagnostics. DIN rail mountable.
Product Description
The FL MC 1000 ST media converter comes with one 10/100 Mbps twisted-pair RJ45 port and one 100 Mbps multimode fiber port with an ST connector
Why buy this product
 Auto MDI/MDI-X switch-over
 Link fault pass through (LFP) function for easy connection monitoring
 Data transfer rates of 100 Mbps
Key Commercial Data
Packing unit
1 STK
Weight per Piece (excluding packing)
280.000 g
Custom tariff number
85176200
Country of origin
Taiwan
Technical data
Note
Utilization restriction
EMC: class A product, see manufacturer's declaration in the download
area
Dimensions
Width
28 mm
Height
110 mm
Depth
70 mm
Ambient conditions
Ambient temperature (operation)
0 °C ... 60 °C


Similar Part No. - 2891321

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
2891320 PHOENIX-2891320 Datasheet
72Kb / 6P
FO converters - FL MC 1000 SC
More results

Similar Description - 2891321

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
2891156 PHOENIX-2891156 Datasheet
73Kb / 6P
FO converters - FL MC 2000E SM40 LC
2891315 PHOENIX-2891315 Datasheet
73Kb / 7P
FO converters - FL MC 2000T SC
2891316 PHOENIX-2891316 Datasheet
72Kb / 6P
FO converters - FL MC 2000T ST
2891317 PHOENIX-2891317 Datasheet
71Kb / 6P
FO converters - FL MC 2000T SM20 SC
2891318 PHOENIX-2891318 Datasheet
71Kb / 6P
FO converters - FL MC 2000T SM40 SC
2891320 PHOENIX-2891320 Datasheet
72Kb / 6P
FO converters - FL MC 1000 SC
3384 PHOENIX-3384 Datasheet
263Kb / 6P
FL MC 1000 SC(ST)
2902854 PHOENIX-2902854 Datasheet
235Kb / 17P
FO converters - FL MC EF 1300 MM ST
09/12/2020
2891056 PHOENIX-2891056 Datasheet
375Kb / 14P
FO converters - FL MC 2000E LC
Dec 2, 2022
2702944 PHOENIX-2702944 Datasheet
1Mb / 28P
FO converters - FL MC EF 660 SCRJ
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com