Electronic Components Datasheet Search
  English  ▼

X  

2891321 Datasheet(PDF) 3 Page - PHOENIX CONTACT

Part # 2891321
Description  FO converters - FL MC 1000 ST
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT

2891321 Datasheet(HTML) 3 Page - PHOENIX CONTACT

  2891321 Datasheet HTML 1Page - PHOENIX CONTACT 2891321 Datasheet HTML 2Page - PHOENIX CONTACT 2891321 Datasheet HTML 3Page - PHOENIX CONTACT 2891321 Datasheet HTML 4Page - PHOENIX CONTACT 2891321 Datasheet HTML 5Page - PHOENIX CONTACT 2891321 Datasheet HTML 6Page - PHOENIX CONTACT  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
https://www.phoenixcontact.com/us/products/2891321
09/30/2016   Page 3 / 6
FO converters - FL MC 1000 ST - 2891321
Technical data
Standards and Regulations
Test result
Operation: 5g, 150 Hz, criterion A
Type of test
Shock in acc. with IEC 60068-2-27:1997
Test result
30g, 11 ms period, half-sine shock pulse
Classifications
eCl@ss
eCl@ss 5.1
27230207
eCl@ss 6.0
27230207
eCl@ss 8.0
27143136
eCl@ss 9.0
27143136
ETIM
ETIM 5.0
EC001099
Approvals
Approvals
Approvals
UL Listed / cUL Listed / cULus Listed
Ex Approvals
UL Listed / cUL Listed / cULus Listed
Approval details
UL Listed 
 http://database.ul.com/cgi-bin/XYV/template/LISEXT/1FRAME/index.htm FILE E 140324
cUL Listed 
 http://database.ul.com/cgi-bin/XYV/template/LISEXT/1FRAME/index.htm FILE E 140324



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com