Electronic Components Datasheet Search
  English  ▼

X  

BGS13SL9 Datasheet(PDF) 7 Page - Infineon Technologies AG

Part # BGS13SL9
Description  Wideband RF SP3T Switch
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

BGS13SL9 Datasheet(HTML) 7 Page - Infineon Technologies AG

Back Button BGS13SL9 Datasheet HTML 3Page - Infineon Technologies AG BGS13SL9 Datasheet HTML 4Page - Infineon Technologies AG BGS13SL9 Datasheet HTML 5Page - Infineon Technologies AG BGS13SL9 Datasheet HTML 6Page - Infineon Technologies AG BGS13SL9 Datasheet HTML 7Page - Infineon Technologies AG BGS13SL9 Datasheet HTML 8Page - Infineon Technologies AG BGS13SL9 Datasheet HTML 9Page - Infineon Technologies AG BGS13SL9 Datasheet HTML 10Page - Infineon Technologies AG BGS13SL9 Datasheet HTML 11Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 14 page
background image
BGS13SL9
BGS13SL9 Wideband RF SP3T Switch
1 Features
• 3 high-linearity TRx paths with power handling capability of up to
30 dBm
• High switching speed, ideal for WLAN and Bluetooth applications
• All ports fully bi-directional
• No decoupling capacitors required if no DC applied on RF lines
• Low insertion loss
• Low harmonic generation
• High port-to-port-isolation
• 0.1 to 3 GHz coverage
• High ESD robustness
• On-chip control logic
• Very small leadless and halogen free package TSLP-9-3
(1.15x1.15mm2) with super low height of 0.31mm
• RoHS compliant package
2 Product Description
The BGS13SL9 RF MOS switch is specifically designed for WLAN and Bluetooth applications. Any of the 3 ports can
be used as termination of the diversity antenna handling up to 30 dBm.
This SP3T offers low insertion loss and high robustness against interferer signals at the antenna port and low har-
monic generation in termination mode. The on-chip controller integrates CMOS logic and level shifters, driven by
control inputs from 1.5 V to Vdd . The BGS13SL9 RF Switch is manufactured in Infineon’s patented MOS technology,
offering the performance of GaAs with the economy and integration of conventional CMOS including the inherent
higher ESD robustness. The device has a very small size of only 1.15 x 1.15 mm2 and a maximum height of 0.31
mm.
No decoupling capacitors are required in typical applications as long as no DC is applied to any RF port.
Table 1: Ordering Information
Type
Package
Marking
BGS13SL9
TSLP-9-3
AA
Data Sheet
7
Revision 2.4, 2014-5-27



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com