Electronic Components Datasheet Search
  English  ▼

X  

BGS13SL9 Datasheet(PDF) 11 Page - Infineon Technologies AG

Part # BGS13SL9
Description  Wideband RF SP3T Switch
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

BGS13SL9 Datasheet(HTML) 11 Page - Infineon Technologies AG

Back Button BGS13SL9 Datasheet HTML 6Page - Infineon Technologies AG BGS13SL9 Datasheet HTML 7Page - Infineon Technologies AG BGS13SL9 Datasheet HTML 8Page - Infineon Technologies AG BGS13SL9 Datasheet HTML 9Page - Infineon Technologies AG BGS13SL9 Datasheet HTML 10Page - Infineon Technologies AG BGS13SL9 Datasheet HTML 11Page - Infineon Technologies AG BGS13SL9 Datasheet HTML 12Page - Infineon Technologies AG BGS13SL9 Datasheet HTML 13Page - Infineon Technologies AG BGS13SL9 Datasheet HTML 14Page - Infineon Technologies AG  
Zoom Inzoom in Zoom Outzoom out
 11 / 14 page
background image
BGS13SL9
Parameter
Symbol
Values
Unit
Note / Test Condition
Min.
Typ.
Max.
Harmonic Generation up to 12.75 GHz
Any Path
PHarm
–
-80
-70
dBc
Pin = 27 dBm, 50 % Duty Cy-
cle, 50Ω
Intermodulation Distortion in Rx Band1,2
IMD2
IMD2
–
-110
-105
dBm
Tx = 10 dBm,
Interferer = -15 dBm, 50Ω
IMD3
IMD3
–
-115
-105
dBm
Switching Time and Current Consumption
RF Rise Time
t10%−90%
–
23
90
ns
10% - 90% of RF Signal
Ctrl to RF Time
tCtrl−RF
–
95
250
ns
50% of Ctrl Signal to 90% of
RF Signal
Supply Current
IDD
–
140
270
µ
A
–
Control Current
ICtrl
–
1
10
µ
A
–
Note: All electrical characteristics are measured with all RF ports terminated by 50 Ω loads.
1 T
A = +25
◦C, V
DD = 3 V
2 With external shunt L
Data Sheet
11
Revision 2.4, 2014-5-27



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com