Electronic Components Datasheet Search
  English  ▼

X  

NPIS41LS Datasheet(PDF) 11 Page - NIC-Components Corp.

Part # NPIS41LS
Description  NPIS Shielded Power Inductors
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NIC [NIC-Components Corp.]
Direct Link  http://www.niccomp.com
Logo NIC - NIC-Components Corp.

NPIS41LS Datasheet(HTML) 11 Page - NIC-Components Corp.

Back Button NPIS41LS Datasheet HTML 7Page - NIC-Components Corp. NPIS41LS Datasheet HTML 8Page - NIC-Components Corp. NPIS41LS Datasheet HTML 9Page - NIC-Components Corp. NPIS41LS Datasheet HTML 10Page - NIC-Components Corp. NPIS41LS Datasheet HTML 11Page - NIC-Components Corp. NPIS41LS Datasheet HTML 12Page - NIC-Components Corp. NPIS41LS Datasheet HTML 13Page - NIC-Components Corp. NPIS41LS Datasheet HTML 14Page - NIC-Components Corp. NPIS41LS Datasheet HTML 15Page - NIC-Components Corp. Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 17 page
background image
11
NIC COMPONENTS CORP. www.niccomp.com www.lowESR.com
www.RFpassives.com
www.SMTmagnetics.com
®
Specifications are subject to change
Series
Standard Values - Case Size 54 (5.0 x 5.0 x 4.0mm)
Inductance
(µH)
Tolerance
Test Conditions
DCR
(Ω) ±30%
Max. Isat
(Amps)
Max. Irms
(Amps)
SRF
(MHz)
NPIS54LS1R0YTRF
1.0
±30%
100KHz, 1V
0.012
7.35
4.9
117
NPIS54LS1R5YTRF
1.5
±30%
100KHz, 1V
0.015
6.3
4.3
86
NPIS54LS2R2YTRF
2.2
±30%
100KHz, 1V
0.019
4.9
3.8
50
NPIS54LS2R7YTRF
2.7
±30%
100KHz, 1V
0.022
4.3
3.6
37
NPIS54LS3R3YTRF
3.3
±30%
100KHz, 1V
0.024
3.95
3.4
32
NPIS54LS3R9YTRF
3.9
±30%
100KHz, 1V
0.027
3.55
3.2
29
NPIS54LS4R7YTRF
4.7
±30%
100KHz, 1V
0.03
3.5
3
28
NPIS54LS6R8MTRF
6.8
±20%
100KHz, 1V
0.043
2.9
2.5
21
NPIS54LS100MTRF
10
±20%
100KHz, 1V
0.064
2.35
2.1
18
NPIS54LS150MTRF
15
±20%
100KHz, 1V
0.086
2
2
13
NPIS54LS220MTRF
22
±20%
100KHz, 1V
0.129
1.6
1.5
11
NPIS54LS330MTRF
33
±20%
100KHz, 1V
0.188
1.3
1.2
9.1
NPIS54LS470MTRF
47
±20%
100KHz, 1V
0.272
1.1
1
6.7
NPIS54LS680MTRF
68
±20%
100KHz, 1V
0.4
0.9
0.8
5.7
NPIS54LS101MTRF
100
±20%
100KHz, 1V
0.56
0.75
0.7
4.7
Maximum +40°C temperature rise at Irms. Maximum -30% inductance drop from initial measured value at Isat.
NPIS__LS Series
NPIS Shielded Power Inductors
NPIS54LS Size
Inductance vs. DC Current Characteristics
Temperature vs. DC Current Characteristics
Inductance vs. DC Current Characteristics
Temperature vs. DC Current Characteristics
NPIS52LS Size (Continued)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com