Electronic Components Datasheet Search
  English  ▼

X  

NPIS41LS Datasheet(PDF) 12 Page - NIC-Components Corp.

Part # NPIS41LS
Description  NPIS Shielded Power Inductors
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NIC [NIC-Components Corp.]
Direct Link  http://www.niccomp.com
Logo NIC - NIC-Components Corp.

NPIS41LS Datasheet(HTML) 12 Page - NIC-Components Corp.

Back Button NPIS41LS Datasheet HTML 8Page - NIC-Components Corp. NPIS41LS Datasheet HTML 9Page - NIC-Components Corp. NPIS41LS Datasheet HTML 10Page - NIC-Components Corp. NPIS41LS Datasheet HTML 11Page - NIC-Components Corp. NPIS41LS Datasheet HTML 12Page - NIC-Components Corp. NPIS41LS Datasheet HTML 13Page - NIC-Components Corp. NPIS41LS Datasheet HTML 14Page - NIC-Components Corp. NPIS41LS Datasheet HTML 15Page - NIC-Components Corp. NPIS41LS Datasheet HTML 16Page - NIC-Components Corp. Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 17 page
background image
12
NIC COMPONENTS CORP. www.niccomp.com www.lowESR.com
www.RFpassives.com
www.SMTmagnetics.com
®
Specifications are subject to change
Series
Standard Values - Case Size 62 (6.0 x 6.0 x 2.0mm)
Inductance
(µH)
Tolerance
Test Conditions
DCR
(Ω) ±30%
Max. Isat
(Amps)
Max. Irms
(Amps)
SRF
(MHz)
NPIS62LSR50YTRF
0.5
±30%
100KHz, 1V
0.013
4.9
4.05
130
NPIS62LSR68YTRF
0.68
±30%
100KHz, 1V
0.017
7.5
3.8
120
NPIS62LSR82YTRF
0.82
±30%
100KHz, 1V
0.017
6.6
3.8
110
NPIS62LS1R0YTRF
1.0
±30%
100KHz, 1V
0.02
4.15
3.25
94
NPIS62LS1R2YTRF
1.2
±30%
100KHz, 1V
0.022
5.9
3.2
88
NPIS62LS1R5YTRF
1.5
±30%
100KHz, 1V
0.022
4.25
3.2
79
NPIS62LS1R8YTRF
1.8
±30%
100KHz, 1V
0.028
4.85
2.75
68
NPIS62LS2R0YTRF
2
±30%
100KHz, 1V
0.035
4.3
2.45
64
NPIS62LS2R2YTRF
2.2
±30%
100KHz, 1V
0.028
3.75
2.75
61
NPIS62LS2R7YTRF
2.7
±30%
100KHz, 1V
0.035
3.9
2.6
56
NPIS62LS3R3YTRF
3.3
±30%
100KHz, 1V
0.035
3.15
2.6
51
NPIS62LS3R9YTRF
3.9
±30%
100KHz, 1V
0.049
3.25
2.1
46
NPIS62LS4R3YTRF
4.3
±30%
100KHz, 1V
0.049
2.7
2.1
44
NPIS62LS4R7YTRF
4.7
±30%
100KHz, 1V
0.058
3
2
41
NPIS62LS5R6YTRF
5.6
±30%
100KHz, 1V
0.058
2.4
1.9
36
NPIS62LS6R2YTRF
6.2
±30%
100KHz, 1V
0.079
2.3
1.8
35
NPIS62LS6R8YTRF
6.8
±30%
100KHz, 1V
0.079
2.2
1.8
31
NPIS62LS8R2YTRF
8.2
±20%
100KHz, 1V
0.105
2.1
1.4
28
NPIS62LS100MTRF
10
±20%
100KHz, 1V
0.105
1.75
1.4
27
NPIS62LS120MTRF
12
±20%
100KHz, 1V
0.12
1.7
1.35
23
NPIS62LS150MTRF
15
±20%
100KHz, 1V
0.145
1.5
1.2
21
NPIS62LS180MTRF
18
±20%
100KHz, 1V
0.175
1.23
1.1
19
NPIS62LS220MTRF
22
±20%
100KHz, 1V
0.204
1.25
1
16
Maximum +40°C temperature rise at Irms. Maximum -30% inductance drop from initial measured value at Isat.
NPIS__LS Series
NPIS Shielded Power Inductors
NPIS62LS Size
Inductance vs. DC Current Characteristics
Temperature vs. DC Current Characteristics



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com