Electronic Components Datasheet Search
  English  ▼

X  

NPM Datasheet(PDF) 3 Page - NIC-Components Corp.

Part # NPM
Description  Surface Mount Power Inductor
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NIC [NIC-Components Corp.]
Direct Link  http://www.niccomp.com
Logo NIC - NIC-Components Corp.

NPM Datasheet(HTML) 3 Page - NIC-Components Corp.

  NPM Datasheet HTML 1Page - NIC-Components Corp. NPM Datasheet HTML 2Page - NIC-Components Corp. NPM Datasheet HTML 3Page - NIC-Components Corp. NPM Datasheet HTML 4Page - NIC-Components Corp. NPM Datasheet HTML 5Page - NIC-Components Corp. NPM Datasheet HTML 6Page - NIC-Components Corp. NPM Datasheet HTML 7Page - NIC-Components Corp. NPM Datasheet HTML 8Page - NIC-Components Corp.  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
3
NIC COMPONENTS CORP. www.niccomp.com www.lowESR.com www.RFpassives.com www.SMTmagnetics.com
®
Specifications are subject to change
Note: Extended values, tolerances, and enhanced versions are available please contact NIC for more details.
NPM SERIES 1008 CASE SIZE STANDARD VALUES & SPECIFICATIONS
*Irms DT+40°C max., Isat DL -30% max. @ 25°C
Surface Mount Power Inductor
NPM Series
NIC
P/N
Inductance
(nH)
Tolerance
DC Resistance
Max. (mOhms)
Isat Current
Max. (mA)*
Irms Current
Max. (mA)*
Maximum
Thickness
(mm)
Reel
Quantity
NPM0806DMR24TR420F
0.24
±20% (M)
35
5.5
4.2
1.2
3,000
NPM0806DMR47TR320F
0.47
±20% (M)
52
3.8
3.2
1.2
3,000
NPM0806DMR68TR260F
0.68
±20% (M)
70
3.3
2.6
1.2
3,000
NPM0806DM1R0TR230F
1.0
±20% (M)
82
3.1
2.3
1.2
3,000
NPM0806DM1R5TR220F
1.5
±20% (M)
120
2.6
2.2
1.2
3,000
NPM0806DM2R2TR130F
2.2
±20% (M)
195
2.0
1.3
1.2
3,000
NPM SERIES 0806 CASE SIZE STANDARD VALUES & SPECIFICATIONS
NIC
P/N
Inductance
(nH)
Tolerance
DC Resistance
Max. (mOhms)
Isat Current
Max. (mA)*
Irms Current
Max. (mA)*
Maximum
Thickness
(mm)
Reel
Quantity
NPM1008CMR24TR450F
0.24
±20% (M)
40
7.5
4.5
1.0
3,000
NPM1008CMR47TR310F
0.47
±20% (M)
46
5.2
3.1
1.0
3,000
NPM1008CMR68TR290F
0.68
±20% (M)
65
3.8
2.9
1.0
3,000
NPM1008CM1R0TR250F
1.0
±20% (M)
78
3.4
2.5
1.0
3,000
NPM1008CM1R5TR220F
1.5
±20% (M)
105
3.2
2.2
1.0
3,000
NPM1008CM2R2TR140F
2.2
±20% (M)
156
2.6
1.4
1.0
3,000
NPM1008
NPM1008
NPM0806
NPM0806



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com