Electronic Components Datasheet Search
  English  ▼

X  

NPM Datasheet(PDF) 8 Page - NIC-Components Corp.

Part # NPM
Description  Surface Mount Power Inductor
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NIC [NIC-Components Corp.]
Direct Link  http://www.niccomp.com
Logo NIC - NIC-Components Corp.

NPM Datasheet(HTML) 8 Page - NIC-Components Corp.

  NPM Datasheet HTML 1Page - NIC-Components Corp. NPM Datasheet HTML 2Page - NIC-Components Corp. NPM Datasheet HTML 3Page - NIC-Components Corp. NPM Datasheet HTML 4Page - NIC-Components Corp. NPM Datasheet HTML 5Page - NIC-Components Corp. NPM Datasheet HTML 6Page - NIC-Components Corp. NPM Datasheet HTML 7Page - NIC-Components Corp. NPM Datasheet HTML 8Page - NIC-Components Corp.  
Zoom Inzoom in Zoom Outzoom out
 8 / 8 page
background image
8
NIC COMPONENTS CORP. www.niccomp.com www.lowESR.com www.RFpassives.com www.SMTmagnetics.com
®
Specifications are subject to change
W
1.5
4.0
±0.1
T
K
0
A
4.0
±0.1
3.5
±0.05
2.0
±0.05
Case Size Max. Thickness
A
B
T
K
0
W
QTY/REEL
0806
1.0
1.80±0.1
2.20±0.1
0.22±0.05
1.15
8.0 ± 0.3
3,000
1008
1.0
2.25±0.1
2.80±0.1
0.22±0.05
1.15
8.0 ± 0.3
3,000
1.2
2.25±0.1
2.80±0.1
0.22±0.05
1.35
8.0 ± 0.3
3,000
1210
1.0
2.80±0.1
3.55±0.1
0.23±0.05
1.20
8.0 ± 0.3
3,000
1.2
2.80±0.1
3.50±0.1
0.23±0.05
1.34
8.0 ± 0.3
3,000
EMBOSSED PLASTIC CARRIER DIMENSIONS (mm)
Surface Mount Power Inductor
NPM Series
REEL DIMENSIONS (mm):
60
12.0
178



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com