Electronic Components Datasheet Search
  English  ▼

X  

8EWS Datasheet(PDF) 3 Page - International Rectifier

Part # 8EWS
Description  SURFACE MOUNTABLE INPUT RECTIFIER DIODE
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

8EWS Datasheet(HTML) 3 Page - International Rectifier

  8EWS Datasheet HTML 1Page - International Rectifier 8EWS Datasheet HTML 2Page - International Rectifier 8EWS Datasheet HTML 3Page - International Rectifier 8EWS Datasheet HTML 4Page - International Rectifier 8EWS Datasheet HTML 5Page - International Rectifier 8EWS Datasheet HTML 6Page - International Rectifier 8EWS Datasheet HTML 7Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
3
8EWS..S SAFE
IR Series
Bulletin I2108 rev. G 08/00
Fig. 1 - Current Rating Characteristics
Fig. 2 - Current Rating Characteristics
Fig. 3 - Forward Power Loss Characteristics
Fig. 4 - Forward Power Loss Characteristics
Fig. 6 - Maximum Non-Repetitive Surge Current
Fig.5-MaximumNon-RepetitiveSurgeCurrent
70
80
90
100
110
120
130
140
150
0
1
23
45
67
8
9
30
60
90
120
180
Co nduc tio n A ng le
Averag e Fo rw ard C urre n t (A)
8EW S ..S Se rie s
R
(D C ) = 3 C /W
thJ C
80
90
100
110
120
130
140
150
02
468
10
12
14
DC
30
60
90
120
180
C o nd uction P eriod
Avera g e Fo rw ard C urrent (A )
8EW S ..S Se rie s
R
(D C ) = 3 C /W
thJ C
0
2
4
6
8
10
12
0123
45
67
89
180
120
90
60
30
Co n duc tio n An g le
A ve ra g e Fo rw ard C urre n t (A )
RM S Lim it
8 EW S..S Series
T
= 150 C
J
0
2
4
6
8
10
12
14
02
4
6
8
10
12
14
DC
180
120
90
60
30
C ond uction P e riod
RM S Lim it
8EW S ..S Se rie s
T = 150 C
J
A ve rag e Fo rw ard C urre n t (A )
100
110
120
130
140
150
160
170
180
1
10
100
Nu m b e r O f E q u a l Am p litu de H a lf C yc le Cu rre nt Pu lses (N)
In itia l T = 150 C
@ 60 H z 0.0083 s
@ 50 H z 0.0100 s
J
A t A ny Ra ted Loa d C o nd itio n A n d W ith
R a ted V
A p p lie d Follo w ing Surg e .
RR M
8 EW S ..S Se rie s
100
110
120
130
140
150
160
170
180
190
200
0.01
0.1
1
Pu lse Tra in D ura tion (s)
Ve rsus Pulse Train Dura tion.
In itial T
= 150 C
N o Vo lta ge R eap p lied
Ra ted V
R ea pp lied
RRM
J
Ma ximum No n Rep etitiv e Surge C u rrent
8EW S..S Se rie s



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com