Electronic Components Datasheet Search
  English  ▼

X  

8EWS Datasheet(PDF) 6 Page - International Rectifier

Part # 8EWS
Description  SURFACE MOUNTABLE INPUT RECTIFIER DIODE
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

8EWS Datasheet(HTML) 6 Page - International Rectifier

  8EWS Datasheet HTML 1Page - International Rectifier 8EWS Datasheet HTML 2Page - International Rectifier 8EWS Datasheet HTML 3Page - International Rectifier 8EWS Datasheet HTML 4Page - International Rectifier 8EWS Datasheet HTML 5Page - International Rectifier 8EWS Datasheet HTML 6Page - International Rectifier 8EWS Datasheet HTML 7Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 6 / 7 page
background image
6
8EWS..S SAFE
IR Series
Bulletin I2108 rev. G 08/00
Marking Information
EXAMPLE: THIS IS AN 8EWS12S
9G3A
8EWS12S
9512
INTERNATIONAL
RECTIFIER LOGO
PART NUMBER
DATE CODE (YYWW)
YY = YEAR
WW = WEEK
ASSEMBLY
LOT CODE
Tape & Reel Information
TR
FEED DIRECTION
4.1 (0.16)
3.9 (0.15)
2.1 (0.83)
1.9 (0.07)
12.1 (0.48)
1.65 (0.06)
1.85 (0.07)
1.65 (0.06)
7.4 (0.29)
2.6 (0.10)
1.5 (0.06)
7.6 (0.30)
11.9 (0.47)
1.85 (0.07)
TO-252AA Tape & Reel
When ordering, indicate the part
number, part orientation, and the
quantity. Quantities are in multiples
of 2,000 pieces per reel for TR and
multiples of 3,000 pieces per reel
for both TRL and TRR.
13 (0.52) DIA.
DIA. MAX.
375 (14.17)
50 (1.97) DIA.
22.4 (0.88)
0.35 (0.01)
16.3 (0.64)
15.7 (0.62)
2.75 (0.11)
2.55 (0.10)
0.25 (0.01)
6.8 (0.26)
7.0 (0.28)
TRR
FEED DIRECTION
4.1 (0.16)
3.9 (0.15)
2.1 (0.83)
1.9 (0.07)
8.1 (0.32)
1.85 (0.07)
1.65 (0.06)
1.85 (0.07)
1.65 (0.06)
7.4 (0.29)
2.6 (0.10)
1.5 (0.06)
7.6 (0.30)
7.9 (0.31)
0.35 (0.01)
16.3 (0.64)
15.7 (0.62)
2.75 (0.11)
2.55 (0.10)
0.25 (0.01)
10.4 (0.41)
10.6 (0.42)
DIA.
TRL
FEED DIRECTION
4.1 (0.16)
3.9 (0.15)
2.1 (0.83)
1.9 (0.07)
8.1 (0.32)
1.85 (0.07)
1.65 (0.06)
1.85 (0.07)
1.65 (0.06)
7.4 (0.29)
2.6 (0.10)
1.5 (0.06)
7.6 (0.30)
7.9 (0.31)
0.35 (0.01)
16.3 (0.64)
15.7 (0.62)
2.75 (0.11)
2.55 (0.10)
0.25 (0.01)
10.4 (0.41)
10.6 (0.42)
DIA.
DIA.
DIA.
DIA.
DIA.
4 (K)
1 (A)
3 (A)
2 (K)



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com