Electronic Components Datasheet Search
  English  ▼

X  

ACD2202 Datasheet(PDF) 4 Page - ANADIGICS, Inc

Part # ACD2202
Description  CATV/TV/Video Downconverter with Dual Synthesizer
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ANADIGICS [ANADIGICS, Inc]
Direct Link  http://www.anadigics.com
Logo ANADIGICS - ANADIGICS, Inc

ACD2202 Datasheet(HTML) 4 Page - ANADIGICS, Inc

  ACD2202 Datasheet HTML 1Page - ANADIGICS, Inc ACD2202 Datasheet HTML 2Page - ANADIGICS, Inc ACD2202 Datasheet HTML 3Page - ANADIGICS, Inc ACD2202 Datasheet HTML 4Page - ANADIGICS, Inc ACD2202 Datasheet HTML 5Page - ANADIGICS, Inc ACD2202 Datasheet HTML 6Page - ANADIGICS, Inc ACD2202 Datasheet HTML 7Page - ANADIGICS, Inc ACD2202 Datasheet HTML 8Page - ANADIGICS, Inc ACD2202 Datasheet HTML 9Page - ANADIGICS, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 24 page
background image
4
Data Sheet - Rev 2.1
12/2003
ACD2202
ELECTRICAL CHARACTERISTICS
Table 2: Absolute Minimum and Maximum Ratings
Stresses in excess of the absolute ratings may cause permanent damage.
Functional operation is not implied under these conditions. Exposure to absolute
ratings for extended periods of time may adversely affect reliability.
The device may be operated safely over these conditions; however, parametric
performance is guaranteed only over the conditions defined in the electrical
specifications.
Table 3: Operating Ranges
Notes:
(1) Mixer operation is possible beyond these frequencies with slightly reduced
performance.
(2) Case Temperature is 15 °C higher than Ambient Temperature, when Ambient
Temperature is +25 °C, using the PC Board Layout shown in Figures 23-25.
R
E
T
E
M
A
R
A
P
N
I
M
X
A
M
T
I
N
U
)
8
2
&
7
2
,
5
2
s
n
i
p
(
e
g
a
tl
o
V
y
l
p
p
u
S
)
5
1
n
i
p
(
-
-
9
+
5
.
6
+
C
D
V
6
1
,
4
1
h
g
u
o
r
h
t
0
1
s
n
i
p
n
o
e
g
a
tl
o
V
V
h
ti
w
9
1
h
g
u
o
r
h
t
S
S
V
0
=
3
.
0
-V N
Y
S
3
.
0
+C
D
V
)
5
&
2
,
1
s
n
i
p
(
s
e
g
a
tl
o
V
t
u
p
n
I-
0
C
D
V
)
2
&
1
s
n
i
p
(
r
e
w
o
P
t
u
p
n
I
)
5
n
i
p
(
)
9
1
&
6
1
,
3
1
s
n
i
p
(
-
-
-
0
1
+
7
1
+
0
2
+
m
B
d
e
r
u
t
a
r
e
p
m
e
T
e
g
a
r
o
t
S5
5
-0
5
1
+C
°
e
r
u
t
a
r
e
p
m
e
T
g
n
ir
e
d
l
o
S-
0
6
2C
°
e
m
i
T
g
n
ir
e
d
l
o
S-
4
c
e
S
,
e
c
n
a
d
e
p
m
I
l
a
m
r
e
h
T
θ C
J
-0
4W
/
C
°
R
E
T
E
M
A
R
A
P
N
I
M
P
Y
T
X
A
M
T
I
N
U
s
e
i
c
n
e
u
q
e
r
F
r
e
t
r
e
v
n
o
c
n
w
o
D
)
1
(
)
F
R
(
t
u
p
n
I
F
R
)
F
I
(
t
u
p
t
u
O
F
I
)
O
L
(
r
o
t
a
ll
i
c
s
O
l
a
c
o
L
0
0
9
5
3
5
6
8
-
-
-
0
0
2
1
0
5
1
0
5
3
1
z
H
M
s
e
i
c
n
e
u
q
e
r
F
r
e
z
i
s
e
h
t
n
y
S
F
R
(
r
e
z
i
s
e
h
t
n
y
S
r
e
t
r
e
v
n
o
c
p
U
U
)
F
R
(
r
e
z
i
s
e
h
t
n
y
S
r
e
t
r
e
v
n
o
c
n
w
o
D
D
)
F
E
R
(
r
o
t
a
ll
i
c
s
O
e
c
n
e
r
e
f
e
R
N
I
)
r
o
t
c
e
t
e
D
e
s
a
h
P
0
0
4
0
0
4
2
-
-
-
4
-
0
0
1
2
0
0
4
1
0
2
0
1
z
H
M
V
:
e
g
a
tl
o
V
y
l
p
p
u
S
DD
)
8
2
,
7
2
,
5
2
,
5
1
s
n
i
p
(0
7
.
4
+5
+5
2
.
5
+C
D
V
T
:
e
r
u
t
a
r
e
p
m
e
T
g
n
it
a
r
e
p
O
t
n
e
i
b
m
A
A
)
2
(
0
4
--
5
8
+C
°



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com