Electronic Components Datasheet Search
  English  ▼

X  

ACD2202 Datasheet(PDF) 13 Page - ANADIGICS, Inc

Part # ACD2202
Description  CATV/TV/Video Downconverter with Dual Synthesizer
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ANADIGICS [ANADIGICS, Inc]
Direct Link  http://www.anadigics.com
Logo ANADIGICS - ANADIGICS, Inc

ACD2202 Datasheet(HTML) 13 Page - ANADIGICS, Inc

Back Button ACD2202 Datasheet HTML 9Page - ANADIGICS, Inc ACD2202 Datasheet HTML 10Page - ANADIGICS, Inc ACD2202 Datasheet HTML 11Page - ANADIGICS, Inc ACD2202 Datasheet HTML 12Page - ANADIGICS, Inc ACD2202 Datasheet HTML 13Page - ANADIGICS, Inc ACD2202 Datasheet HTML 14Page - ANADIGICS, Inc ACD2202 Datasheet HTML 15Page - ANADIGICS, Inc ACD2202 Datasheet HTML 16Page - ANADIGICS, Inc ACD2202 Datasheet HTML 17Page - ANADIGICS, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 24 page
background image
Data Sheet - Rev 2.1
12/2003
13
ACD2202
Table 15: Phase Detector Polarity Selection
Programmable Modes
Each register contains bits set aside for
programming different modes of operation in the
synthesizers. Currently, the only programmable
mode is the polarity of the phase detector in each of
the synthesizers. Bit D1 in each reference divider
register controls this feature. Bits D2 through D5 in
the reference divider registers and bits C1 and C2
in the main divider registers are reserved for future
use, and have no current function. They can be set
Table 14: Phase Detector Polarity Bit
Figure 21: VCO Characteristics
either high or low without affecting synthesizer
performance.
Setting Phase Detector Polarity
Table 14 shows how bit D1 of each reference divider
register controls the polarity of the phase detector
associated with each PLL. The correct setting is
determined by using Table 15 and Figure 21.
Synthesizer Programming Example
The following example for programming the two synthesizers in the ACD2202 details the calculations
used to determine the required value of each bit in all four registers:
Requirements
Desired CATV input channel: “HHH” - 499.25 MHz picture carrier (501 MHz digital channel center frequency)
(Second) IF picture carrier output frequency: 45.75 MHz (44 MHz digital channel center frequency)
First IF frequency: 1087.75 MHz
Phase detector comparison frequency for down converter (also tuning increment): 62.5 KHz
Phase detector comparison frequency for up converter: 250 KHz
Crystal reference oscillator frequency: 4 MHz
Calculation of Reference Divider Values
The value for each reference divider is calculated by dividing the reference oscillator frequency by the desired
phase detector comparison frequency:
R = fOSC / fPD
For the down converter, the 4 MHz crystal oscillator frequency and the 62.5 KHz phase detector comparison
frequency are used to yield RPLL2 = 4 MHz / 62.5 KHz = 64, and so the bit values for the down converter
R counter are RPLL2 = 000000001000000.
S
2
S
1
D
1
00
y
ti
r
a
l
o
P
r
o
t
c
e
t
e
D
e
s
a
h
P
2
L
L
P
10
y
ti
r
a
l
o
P
r
o
t
c
e
t
e
D
e
s
a
h
P
1
L
L
P
D
1
E
S
A
H
P
R
O
T
C
E
T
E
D
Y
T
I
R
A
L
O
P
O
C
V
S
C
I
T
S
I
R
E
T
C
A
R
A
H
C
)
2
1
E
R
U
G
I
F
E
E
S
(
0e
v
it
a
g
e
N)
2
(
e
v
r
u
c
1e
v
it
i
s
o
P)
1
(
e
v
r
u
c
(1)
(2)
VCO INPUT VOLTAGE
VCO OUTPUT
FREQUENCY



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com