Electronic Components Datasheet Search
  English  ▼

X  

AD7400 Datasheet(PDF) 2 Page - Analog Devices

Part # AD7400
Description  Isolated Sigma-Delta Modulator
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD7400 Datasheet(HTML) 2 Page - Analog Devices

  AD7400 Datasheet HTML 1Page - Analog Devices AD7400 Datasheet HTML 2Page - Analog Devices AD7400 Datasheet HTML 3Page - Analog Devices AD7400 Datasheet HTML 4Page - Analog Devices AD7400 Datasheet HTML 5Page - Analog Devices AD7400 Datasheet HTML 6Page - Analog Devices AD7400 Datasheet HTML 7Page - Analog Devices AD7400 Datasheet HTML 8Page - Analog Devices AD7400 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 10 page
background image
AD7400/AD7401
Preliminary Technical Data
combined with monolithic air core transformer technology, means the onboard isolation provides outstanding performance
characteristics superior to alternatives such as optocoupler devices. The parts provide an on-chip 2.5V reference. The AD7400/AD7401
are offered in a 16-lead SOIC package and have an operating temperature range of -40°C to +105°C.
TABLE OF CONTENTS
AD7400—Specifications.................................................................. 3
AD7401—Specifications.................................................................. 4
TIMING SPECIFICATIONS1..................................................... 5
Absolute Maximum Ratings1,3......................................................... 6
Pin Functional Descriptions ........................................................8
Theory of Operation.....................................................................9
Outline Dimensions ....................................................................... 10
REVISION HISTORY
Revision PrH: Preliminary Version
Rev. PrH | Page 2 of 10



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com