Electronic Components Datasheet Search
  English  ▼

X  

AD7400 Datasheet(PDF) 4 Page - Analog Devices

Part # AD7400
Description  Isolated Sigma-Delta Modulator
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD7400 Datasheet(HTML) 4 Page - Analog Devices

  AD7400 Datasheet HTML 1Page - Analog Devices AD7400 Datasheet HTML 2Page - Analog Devices AD7400 Datasheet HTML 3Page - Analog Devices AD7400 Datasheet HTML 4Page - Analog Devices AD7400 Datasheet HTML 5Page - Analog Devices AD7400 Datasheet HTML 6Page - Analog Devices AD7400 Datasheet HTML 7Page - Analog Devices AD7400 Datasheet HTML 8Page - Analog Devices AD7400 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 10 page
background image
AD7400/AD7401
Preliminary Technical Data
AD7401—SPECIFICATIONS3
Table 2. (VDD1 = VDD2 = 4.5V to 5.5V, , VIN+ = -200mV to +200mV and VIN- = 0V; TA = TMIN to TMAX, fMCLK = 20MHz unless
otherwise noted.)
Parameter
B Version1,5
Units
Test Conditions/Comments
STATIC PERFORMANCE
When Tested with Sinc3 Filter4
Resolution
16
Bits min
Filter output trunctaed to 16 Bits
Integral Nonlinearity2
±4
LSB max
Differential Nonlinearity2
±0.9
LSB max
Guaranteed No Missed Codes to 15 bits
Offset Error2
±0.5
mV max
Bipolar Input Range
Offset Drift vs. Temperature2
5
2
µV/ C max
µV/ C typ
Offset Drift vs. VDD12
0.05
mV/V typ
Absolute Reference Voltage Tolerance
±1
%min/max
Reference Voltage Matching
±TBD
%min/max
VREF Drift vs. Temperature2
60
ppm/ C typ
VREF Drift vs. VDD12
0.2
% typ
ANALOG INPUT
Input Voltage Ranges6
±200
mV min/max
DC Leakage Current
±1
µA max
DYNAMIC SPECIFICATIONS
When Tested with Sinc3 Filter4
Signal to Noise + Distortion Ratio (SINAD) 4
70
76
dBmin
dB typ
VIN+ = 35Hz, 400mVpk-pk sine wave
Total Harmonic Distortion (THD)2
-80
dB typ
Peak Harmonic or Spurious Noise (SFDR)2
-70
dB typ
Effective number of bits
12
Bits
Isolation Transient Immunity
15
20
kV/µs min
kV/µs typ
Signal Delay
10
12
µs typ
µs max
Delay through filter varies with actual value of on-
board clock. Decimation by 2.
LOGIC INPUTS
Input High Voltage, VINH
2
V min
Input Low Voltage, VINL
0.8
V max
Input Current, IIN
±1
µA max
Input Capacitance, CIN3
10
pF max
LOGIC OUTPUTS
Output High Voltage, VOH
VDD2 – 0.1
V min
IO = -20 µA
Output Low Voltage, VOL
0.4
V max
IO = 20 µA
POWER REQUIREMENTS
VDD1
+4.5/+5.5
Vmin/Vmax
VDD2
+4.5/+5.5
Vmin/Vmax
+2.7/+3.3
Vmin/Vmax
IDD17
21.2
mA max
IDD27
3.92
mA max
VDD1 = 5V, Digital I/Ps = 0 V or VDD1
NOTES
3 Temperature ranges as follows: -40 C to +105 C
4 See Terminology section.
3 Sample tested @ 25 C to ensure compliance.
4 Filter as defined by Verilog Code.
5 All voltages are relative to their respective ground.
6 Beyond the full-scale input range the output is either all zeroes or all ones.
Specifications subject to change without notice.
Rev. PrH | Page 4 of 10



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com