Electronic Components Datasheet Search
  English  ▼

X  

74LVC540A Datasheet(PDF) 6 Page - Diodes Incorporated

Part # 74LVC540A
Description  OCTAL BUFFER/ LINE DRIVER WITH 3 STATE OUTPUTS
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

74LVC540A Datasheet(HTML) 6 Page - Diodes Incorporated

Back Button 74LVC540A Datasheet HTML 2Page - Diodes Incorporated 74LVC540A Datasheet HTML 3Page - Diodes Incorporated 74LVC540A Datasheet HTML 4Page - Diodes Incorporated 74LVC540A Datasheet HTML 5Page - Diodes Incorporated 74LVC540A Datasheet HTML 6Page - Diodes Incorporated 74LVC540A Datasheet HTML 7Page - Diodes Incorporated 74LVC540A Datasheet HTML 8Page - Diodes Incorporated 74LVC540A Datasheet HTML 9Page - Diodes Incorporated 74LVC540A Datasheet HTML 10Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 6 / 10 page
background image
74LVC540A
Document number: DS35890 Rev. 1 - 2
6 of 10
www.diodes.com
July 2014
© Diodes Incorporated
74LVC540A
Parameter Measurement Information
VCC
Inputs
VM
VLOAD
CL
RL
V∆
VI
tr/tf
1.8V ± 0.15V
VCC
≤2ns
VCC/2
2 x VCC
30pF
1KΩ
0.15V
2.5V ± 0.2V
VCC
≤2ns
VCC/2
2 x VCC
30pF
500Ω
0.15V
2.7V
2.7V
≤2.5ns
1.5V
6V
50pF
500Ω
0.3V
3.3V ± 0.3V
2.7V
≤2.5ns
1.5V
6V
50pF
500Ω
0.3V
Voltage Waveform Enable and Disable Times
Low and High Level Enabling
Voltage Waveform Pulse Duration
Voltage Waveform Propagation Delay Times
Inverting and Non Inverting Outputs
Notes:
A. Includes test lead and test apparatus capacitance.
B. All pulses are supplied at pulse repetition rate ≤ 10 MHz.
C. Inputs are measured separately one transition per measurement.
D. tPLZ and tPHZ are the same as tdis.
E. tPZL and tPZH are the same as tEN0
F. tPLH and tPHL are the same as tPD.
Figure 1 Load Circuit and Voltage Waveforms
TEST
S1
tPLH/tPHL
Open
tPLZ/tPZL
Vload
tPHZ/tPZH
GND



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com