Electronic Components Datasheet Search
  English  ▼

X  

74LVC540A Datasheet(PDF) 1 Page - Diodes Incorporated

Part # 74LVC540A
Description  OCTAL BUFFER/ LINE DRIVER WITH 3 STATE OUTPUTS
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

74LVC540A Datasheet(HTML) 1 Page - Diodes Incorporated

  74LVC540A Datasheet HTML 1Page - Diodes Incorporated 74LVC540A Datasheet HTML 2Page - Diodes Incorporated 74LVC540A Datasheet HTML 3Page - Diodes Incorporated 74LVC540A Datasheet HTML 4Page - Diodes Incorporated 74LVC540A Datasheet HTML 5Page - Diodes Incorporated 74LVC540A Datasheet HTML 6Page - Diodes Incorporated 74LVC540A Datasheet HTML 7Page - Diodes Incorporated 74LVC540A Datasheet HTML 8Page - Diodes Incorporated 74LVC540A Datasheet HTML 9Page - Diodes Incorporated Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
74LVC540A
Document number: DS35890 Rev. 1 - 2
1 of 10
www.diodes.com
July 2014
© Diodes Incorporated
74LVC540A
OCTAL BUFFER/ LINE DRIVER WITH 3 STATE OUTPUTS
Description
The 74LVC540A is an octal inverting buffer/driver is designed for
driving bus lines or buffer memory address registers. The 3-state
control gate is a 2-input AND gate with active-low inputs so that, if
either output enable (OE1 or OE2) input is high, all eight outputs are in
the high-impedance state..These devices feature inputs and outputs
on opposite sides of the package that facilitate printed circuit board
layout.
The device is designed for operation with a power supply range of
1.65V to 3.6V.
The inputs are tolerant to 5.5V allowing this device to be used in a
mixed voltage environment. The device is fully specified for partial
power down applications using IOFF. The IOFF circuitry disables the
output preventing damaging current backflow when the device is
powered down.
Features
•
Supply Voltage Range from 1.65V to 3.6V
•
Sinks or Sources 24mA at VCC = 3V
•
CMOS Low Power Consumption
•
IOFF Supports Partial Power Down Operation
•
Inputs or Outputs Accept Up to 5.5V
•
Inputs Can Be Driven by 3.3V or 5V Allowing for Mixed Voltage
Applications
•
Schmitt Trigger Action at All Inputs
•
Typical VOLP (Quiet Output Ground Bounce) Less Than 0.8V with
VCC = 3.3V and TA = +25°C
•
Typical VOHV (Quiet Output dynamic VOH) Greater than 2.0V with
VCC = 3.3V and TA = +25°C
•
ESD Protection Tested per JESD 22
Exceeds 200-V Machine Model (A115)
Exceeds 2000-V Human Body Model (A114)
Exceeds 1000-V Charged Device Model (C101)
•
Latch-Up Exceeds 250mA per JESD 78, Class I
•
All devices are:
Totally Lead-Free & Fully RoHS compliant (Notes 1 & 2)
Halogen and Antimony Free. “Green” Device (Note 3)
Pin Assignments
Applications
•
General Purpose Logic
•
Bus Driving
•
Power Down Signal Isolation
•
Wide array of products such as:
PCs, Notebooks, Netbooks, Ultrabooks
Networking Computer Peripherals, Hard Drives, CD/DVD
ROM
TV, DVD, DVR, Set Top Box
Notes:
1. No purposely added lead. Fully EU Directive 2002/95/EC (RoHS) & 2011/65/EU (RoHS 2) compliant.
2. See http://www.diodes.com/quality/lead_free.html for more information about Diodes Incorporated’s definitions of Halogen and Antimony free,
"Green" and Lead-Free.
3. Halogen and Antimony free "Green” products are defined as those which contain <900ppm bromine, <900ppm chlorine (<1500ppm total Br + Cl) and
<1000ppm antimony compounds.


Similar Part No. - 74LVC540A

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
74LVC540A ONSEMI-74LVC540A Datasheet
106Kb / 9P
Low-Voltage CMOS Octal Buffer Flow Through Pinout
June, 2015 ??Rev. P0
74LVC540A ONSEMI-74LVC540A Datasheet
105Kb / 9P
Low-Voltage CMOS Octal Buffer Flow Through Pinout
December, 2015 ??Rev. 0
74LVC540ADTR2G ONSEMI-74LVC540ADTR2G Datasheet
106Kb / 9P
Low-Voltage CMOS Octal Buffer Flow Through Pinout
June, 2015 ??Rev. P0
74LVC540ADTR2G ONSEMI-74LVC540ADTR2G Datasheet
105Kb / 9P
Low-Voltage CMOS Octal Buffer Flow Through Pinout
December, 2015 ??Rev. 0
74LVC540ADWR2G ONSEMI-74LVC540ADWR2G Datasheet
106Kb / 9P
Low-Voltage CMOS Octal Buffer Flow Through Pinout
June, 2015 ??Rev. P0
More results

Similar Description - 74LVC540A

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
SN54LS240 MOTOROLA-SN54LS240 Datasheet
191Kb / 6P
OCTAL BUFFER/LINE DRIVER WITH 3-STATE OUTPUTS
logo
Fairchild Semiconductor
74ABT240 FAIRCHILD-74ABT240 Datasheet
105Kb / 8P
Octal Buffer/Line Driver with 3-STATE Outputs
74AC244 FAIRCHILD-74AC244 Datasheet
111Kb / 10P
Octal Buffer/Line Driver with 3-STATE Outputs
74VHC244 FAIRCHILD-74VHC244 Datasheet
84Kb / 8P
Octal Buffer/Line Driver with 3-STATE Outputs
logo
ON Semiconductor
MC74AC244 ONSEMI-MC74AC244 Datasheet
91Kb / 8P
Octal Buffer/Line Driver with 3-State Outputs
May, 2001 ??Rev. 5
logo
Fairchild Semiconductor
74AC540 FAIRCHILD-74AC540_05 Datasheet
97Kb / 7P
Octal Buffer/Line Driver with 3-STATE Outputs
logo
ON Semiconductor
MC74AC244 ONSEMI-MC74AC244_15 Datasheet
93Kb / 7P
Octal Buffer/Line Driver with 3-State Outputs
February, 2015 ??Rev. 8
MC74ACT241 ONSEMI-MC74ACT241_15 Datasheet
89Kb / 7P
Octal Buffer/Line Driver with 3-State Outputs
February, 2015 ??Rev. 6
74AC244 ONSEMI-74AC244 Datasheet
396Kb / 14P
Octal Buffer/Line Driver with 3-STATE Outputs
January 2008 Rev. 1.4.0
74VHC240 ONSEMI-74VHC240 Datasheet
263Kb / 11P
Octal Buffer/Line Driver with 3-STATE Outputs
April 2007 Rev. 1.3
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com