Electronic Components Datasheet Search
  English  ▼

X  

AD9823 Datasheet(PDF) 3 Page - Analog Devices

Part # AD9823
Description  Correlated Double Sampler (CDS)
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9823 Datasheet(HTML) 3 Page - Analog Devices

  AD9823 Datasheet HTML 1Page - Analog Devices AD9823 Datasheet HTML 2Page - Analog Devices AD9823 Datasheet HTML 3Page - Analog Devices AD9823 Datasheet HTML 4Page - Analog Devices AD9823 Datasheet HTML 5Page - Analog Devices AD9823 Datasheet HTML 6Page - Analog Devices AD9823 Datasheet HTML 7Page - Analog Devices AD9823 Datasheet HTML 8Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
AD9823
Rev. 0 | Page 3 of 8
SPECIFICATIONS
GENERAL SPECIFICATIONS
Table 1.
Parameter
Min
Typ
Max
Unit
Temperature Range
Operating
–25
+85
°C
Storage
–65
+150
°C
Power Supply Voltage
2.7
3.6
V
Power Consumption: fSAMP = 40 MHz, VDD = 3.0 V
50
mW
Maximum Clock Rate
40
MHz
Minimum Clock Rate
5
MHz
ANALOG SPECIFICATIONS
Table 2. TMIN to TMAX, VDD = 3.0 V, fSAMP = 40 MHz, unless otherwise noted.
Parameter
Min
Typ
Max
Unit
Notes
Analog Input (CCDIN)
Max Input Range Before Saturation1
850
mV p-p
Allowable CCD Reset Transient1
500
mV
Max CCD Black Pixel Amplitude1
100
mV
Gain
2.5
3.5
4.5
dB
Nonlinearity, 500 mV Input
1.0
%
Max deviation from ideal straight line
Input Referred Noise
100
µV rms
Output noise divided by 3.5 dB gain
Clamp Time Constant
190
µsec
0.1 µF BYP2 capacitor (proportional to capacitor value)
Analog Outputs
Typical Data Out Signal Range
0.5
1.5
V
0.5 V corresponds to black level
REFOUT Voltage Level
0.5
V
Fixed dc reference for signal output
1 Input signal characteristics defined as follows:
100mV TYP
OPTICAL BLACK PIXEL
500mV TYP
RESET TRANSIENT
850mV TYP
INPUT SIGNAL RANGE
All specifications subject to change without notice.
DIGITAL SPECIFICATIONS
Table 3.
Parameter
Symbol
Min
Typ
Max
Unit
Logic Inputs (SHP, SHD, CLP)
High Level Input Voltage
VIH
2.1
V
Low Level Input Voltage
VIL
0.6
V
High Level Input Current
IIH
10
µA
Low Level Input Current
IIL
10
µA
Input Capacitance
CIN
10
pF



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com