Electronic Components Datasheet Search
  English  ▼

X  

ADE7758ARWZRL Datasheet(PDF) 46 Page - Analog Devices

Part # ADE7758ARWZRL
Description  Poly Phase Multifunction Energy Metering IC with Per Phase Information
PDF  68 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADE7758ARWZRL Datasheet(HTML) 46 Page - Analog Devices

Back Button ADE7758ARWZRL Datasheet HTML 42Page - Analog Devices ADE7758ARWZRL Datasheet HTML 43Page - Analog Devices ADE7758ARWZRL Datasheet HTML 44Page - Analog Devices ADE7758ARWZRL Datasheet HTML 45Page - Analog Devices ADE7758ARWZRL Datasheet HTML 46Page - Analog Devices ADE7758ARWZRL Datasheet HTML 47Page - Analog Devices ADE7758ARWZRL Datasheet HTML 48Page - Analog Devices ADE7758ARWZRL Datasheet HTML 49Page - Analog Devices ADE7758ARWZRL Datasheet HTML 50Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 46 / 68 page
background image
ADE7758
Rev. A | Page 46 of 68
START
STEP 1
ENABLE CF
OUTPUT
STEP 2
SET OFFSET
REGISTERS
XWATTOS, XVAROS
TO LOGIC 0
ALL PHASES
WATT
OFFSET AND
VA OFFSET
CALIBRATED?
YES
NO
ALL PHASES
VAR OFFSET
CALIBRATED?
YES
NO
SET UP APCF
PULSE OUTPUT
FOR PHASE A, B,
OR C
STEP 3
SET UP SYSTEM
FOR IMIN, VNOM,
PF = 1
STEP 4
MEASURE %
ERROR FOR
APCF
STEP 5
CALCULATE AND
WRITE TO
XWATTOS
END
SET UP VARCF
PULSE OUTPUT
FOR PHASE A, B,
OR C
STEP 3
SET UP SYSTEM
FOR IMIN, VNOM,
PF = 0
STEP 4
MEASURE %
ERROR FOR VARCF
MEASURE PERIOD
USING PERIOD
REGISTER
STEP 5
CALCULATE AND
WRITE TO
XVAROS
STEP 6.
REPEAT STEP
3 TO STEP 5
FOR XVAROS
Figure 79. Offset Calibration Using Pulse Output
Step 1: Repeat Step 1 and Step 3 from the gain calibration to
configure the ADE7758 pulse output.
Step 2: Set the xWATTOS and xVAROS registers to Logic 0.
Step 3: Set the test system for ITEST = IMIN, VNOM, and unity power
factor. For Step 6, set the test system for ITEST = IMIN, VNOM, and
zero-power factor.
Step 4: Measure the percent error in the pulse output, APCF or
VARCF, from the reference meter using Equation 31.
Step 5: Calculate xWATTOS using Equation 38 (for xVAROS
use Equation 39).
=
xWATTOS
()
APCFNUM
APCFDEN
Q
APCF
APCF
EXPECTED
ERROR
×
×
×
4
2
%
–
(38)
=
xVAROS
(
)
VARCFNUM
VARCFDEN
Q
VARCF
VARCF
EXPECTED
ERROR
×
×
×
4
2
%
–
(39)
where Q is defined in Equation 40 and Equation 41.
For xWATTOS
4
1
2
1
4
25 ×
×
=
CLKIN
Q
(40)
For xVAROS
4
1
4
202
2
1
4
24
×
⎟
⎠
⎞
⎜
⎝
⎛
×
×
=
PERIOD
CLKIN
Q
(41)
where PERIOD is measured from the FREQ (0x10) register.
Step 6: Repeat Step 3 to Step 5 for xVAROS calibration.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com