Electronic Components Datasheet Search
  English  ▼

X  

ADE7758ARWZRL Datasheet(PDF) 30 Page - Analog Devices

Part # ADE7758ARWZRL
Description  Poly Phase Multifunction Energy Metering IC with Per Phase Information
PDF  68 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADE7758ARWZRL Datasheet(HTML) 30 Page - Analog Devices

Back Button ADE7758ARWZRL Datasheet HTML 26Page - Analog Devices ADE7758ARWZRL Datasheet HTML 27Page - Analog Devices ADE7758ARWZRL Datasheet HTML 28Page - Analog Devices ADE7758ARWZRL Datasheet HTML 29Page - Analog Devices ADE7758ARWZRL Datasheet HTML 30Page - Analog Devices ADE7758ARWZRL Datasheet HTML 31Page - Analog Devices ADE7758ARWZRL Datasheet HTML 32Page - Analog Devices ADE7758ARWZRL Datasheet HTML 33Page - Analog Devices ADE7758ARWZRL Datasheet HTML 34Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 30 / 68 page
background image
ADE7758
Rev. A | Page 30 of 68
Voltage RMS Gain Adjust
The ADC gain in each phase of the voltage channel can be
adjusted for the rms calculation by using the voltage rms gain
registers (AVRMSGAIN, BVRMSGAIN, and CVRMSGAIN).
The gain of the voltage waveforms before LPF1 is adjusted by
writing twos complement, 12-bit words to the voltage rms gain
registers. The expression below shows how the gain adjustment
is related to the contents of the voltage gain register.
⎟
⎠
⎞
⎜
⎝
⎛ +
×
=
12
2
VRMSGAIN
Gain
without
Values
RMS
Nominal
Register
VRMS
of
Content
1
For example, when 0x7FF is written to the voltage gain register,
the ADC output is scaled up by 50%.
0x7FF = 2047d, 2047/212 = 0.5
Similarly, 0x800 = –2047d (signed twos complement) and the
ADC output is scaled by –50%.
ACTIVE POWER CALCULATION
Electrical power is defined as the rate of energy flow from
source to load. It is given by the product of the voltage and
current waveforms. The resulting waveform is called the
instantaneous power signal and it is equal to the rate of energy
flow at every instant of time. The unit of power is the watt or
joules/sec. Equation 5 gives an expression for the instantaneous
power signal in an ac system.
()
( t
VRMS
t
v
ω
×
×
=
sin
2
)
(3)
()
( )t
IRMS
2
t
i
ω
×
×
=
sin
(4)
where VRMS = rms voltage, IRMS = rms current.
( )
( )
( )
t
i
t
v
t
p
×
=
t)
(2
VRMS
IRMS
–
VRMS
MS
R
I
(t)
p
ω
×
×
×
=
cos
(5)
The average power over an integral number of line cycles (n) is
given by the expression in Equation 6.
()
IRMS
VRMS
dt
t
p
nT
1
p
nT
0
×
=
=
∫
(6)
where t is the line cycle period.
P is referred to as the active or real power. Note that the active
power is equal to the dc component of the instantaneous power
signal p(t) in Equation 5, that is, VRMS × IRMS. This is the
relationship used to calculate the active power in the ADE7758
for each phase. The instantaneous power signal p(t) is generated
by multiplying the current and voltage signals in each phase.
The dc component of the instantaneous power signal in each
phase (A, B, and C) is then extracted by LPF2 (the low-pass
filter) to obtain the average active power information on each
phase. Figure 64 shows this process. The active power of each
phase accumulates in the corresponding 16-bit watt-hour
register (AWATTHR, BWATTHR, or CWATTHR). The input to
each active energy register can be changed depending on the
accumulation mode setting (see Table 17).
INSTANTANEOUS
POWER SIGNAL
p(t) = VRMS
× IRMS – VRMS × IRMS × cos(2ωt)
ACTIVE REAL POWER
SIGNAL = VRMS
× IRMS
0x19999A
VRMS
× IRMS
0xCCCCD
0x00000
CURRENT
i(t) = 2
× IRMS × sin(ωt)
VOLTAGE
v(t) = 2
× VRMS × sin(ωt)
Figure 64. Active Power Calculation
Because LPF2 does not have an ideal “brick wall” frequency
response (Figure 65), the active power signal has some ripple
due to the instantaneous power signal. This ripple is sinusoidal
and has a frequency equal to twice the line frequency. Because
the ripple is sinusoidal in nature, it is removed when the active
power signal is integrated over time to calculate the energy.
0
–4
–8
–12
–16
–20
–24
13
10
8
FREQUENCY (Hz)
30
100
Figure 65. Frequency Response of the LPF Used
to Filter Instantaneous Power in Each Phase



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com