Electronic Components Datasheet Search
  English  ▼

X  

LA6595DM Datasheet(PDF) 1 Page - ON Semiconductor

Part # LA6595DM
Description  BTL Drive Single-Phase Full-Wave Fan Motor Driver
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

LA6595DM Datasheet(HTML) 1 Page - ON Semiconductor

  LA6595DM Datasheet HTML 1Page - ON Semiconductor LA6595DM Datasheet HTML 2Page - ON Semiconductor LA6595DM Datasheet HTML 3Page - ON Semiconductor LA6595DM Datasheet HTML 4Page - ON Semiconductor LA6595DM Datasheet HTML 5Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
10814NK 20131203-S00002 No.A2266-1/5
http://onsemi.com
Semiconductor Components Industries, LLC, 2014
January, 2014
LA6595DM
Overview
The LA6595T is a single-phase bipolar fan motor driver
that achieves quite operation, power savings, silent
operation and high efficiency that suppresses reactive
current through BTL output linear drive. It provides lock
protection and rotation detection circuits on chip, and is
optimal for applications that require high reliability and
low noise, such as notebook personal computers, power
supplies in consumer electronic equipment, car audio,
and CPU cooling systems.
Features
• BTL output single-phase full-wave linear drive (gain resistor : 1 to 360kΩ, 51dB)
• Supports low-voltage drive and features a wide usable voltage range (2.2 to 14.0V)
• Low saturation output (high side + low side saturation voltage : VOsat (total) = 1.2V (typical), IO = 200mA)
• Built-in lock protection and automatic return circuits
• Built-in RD (Rotation Detection) output
• Thermal protection circuit
• Extra-small package (Micro8)
Specifications
Maximum Ratings at Ta = 25
°C
Parameter
Symbol
Conditions
Ratings
Unit
Supply voltage
VCC max
15
V
Output current
IOUT max
0.5
A
Output voltage
VOUT max
15
V
RD output pin output withstand voltage
VRD max
15
V
RD output current
IRD max
10
mA
Allowable power dissipation
Pd max
Mounted on a specified board*
400
mW
Operating temperature
Topr
-30 to +90
°C
Storage temperature
Tstg
-55 to +150
°C
* Specified board : 20.0mm
× 10.0mm × 0.8mm, glass epoxy board.
Recommended Operating Conditions at Ta = 25
°C
Parameter
Symbol
Conditions
Ratings
Unit
Supply voltage
VCC
2.2 to 14.0
V
Common-phase input voltage range of hall input
VICM
0 to VCC -1.5
V
Ordering number : ENA2266
Monolithic Linear IC
BTL Drive Single-Phase Full-Wave
Fan Motor Driver
Stresses exceeding Maximum Ratings may damage the device. Maximum Ratings are stress ratings only. Functional operation above the Recommended Operating
Conditions is not implied. Extended exposure to stresses above the Recommended Operating Conditions may affect device reliability.
ORDERING INFORMATION
See detailed ordering and shipping information on page 5 of this data sheet.
Micro8


Similar Part No. - LA6595DM

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
LA6595T SANYO-LA6595T Datasheet
77Kb / 4P
BTL Drive Single-Phase Full-Wave Fan Motor Driver
logo
ON Semiconductor
LA6595T ONSEMI-LA6595T Datasheet
77Kb / 4P
BTL Drive Single-Phase Full-Wave Fan Motor Driver
May, 2013
More results

Similar Description - LA6595DM

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
LA6581T SANYO-LA6581T Datasheet
91Kb / 5P
BTL Driver Single-Phase Full-Wave Fan Motor Driver
LA6581CL SANYO-LA6581CL_09 Datasheet
71Kb / 5P
Fan Motor Driver BTL Driver Single-Phase Full-Wave
LA6595T SANYO-LA6595T Datasheet
77Kb / 4P
BTL Drive Single-Phase Full-Wave Fan Motor Driver
logo
BCD Semiconductor Manuf...
AM4951 BCDSEMI-AM4951 Datasheet
180Kb / 3P
BTL Drive Single-phase Full-wave Fan Motor Driver
AM4951MM-G1 BCDSEMI-AM4951MM-G1 Datasheet
404Kb / 14P
BTL Drive Single-phase Full-wave Fan Motor Driver
AM4953 BCDSEMI-AM4953 Datasheet
459Kb / 16P
BTL Drive Single-phase Full-wave Fan Motor Driver
logo
ON Semiconductor
LA6583MC-AH ONSEMI-LA6583MC-AH Datasheet
66Kb / 5P
Fan Motor Driver BTL Driver Single-Phase Full-Wave
May, 2013
logo
Diodes Incorporated
AM4953 DIODES-AM4953 Datasheet
497Kb / 16P
BTL Drive Single-phase Full-wave Fan Motor Driver
Rev 1
AM4951 DIODES-AM4951 Datasheet
365Kb / 14P
BTL Drive Single-phase Full-wave Fan Motor Driver
Rev 1
logo
ON Semiconductor
ENA1443 ONSEMI-ENA1443 Datasheet
77Kb / 4P
BTL Drive Single-Phase Full-Wave Fan Motor Driver
May, 2013
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com