Electronic Components Datasheet Search
  English  ▼

X  

LA6595DM Datasheet(PDF) 2 Page - ON Semiconductor

Part # LA6595DM
Description  BTL Drive Single-Phase Full-Wave Fan Motor Driver
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

LA6595DM Datasheet(HTML) 2 Page - ON Semiconductor

  LA6595DM Datasheet HTML 1Page - ON Semiconductor LA6595DM Datasheet HTML 2Page - ON Semiconductor LA6595DM Datasheet HTML 3Page - ON Semiconductor LA6595DM Datasheet HTML 4Page - ON Semiconductor LA6595DM Datasheet HTML 5Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
LA6595DM
No.A2266-2/5
Electrical Characteristics at Ta
= 25°C, VCC = 12V, Unless otherwise specified.
Parameter
Symbol
Conditions
Ratings
Unit
min
typ
max
Circuit current
ICC1
Drive mode (CT = low)
36
9
mA
ICC2
Lock protection mode (CT = high)
2.5
5
7.5
mA
Lock detection capacitor charge
current
ICT1
0.9
1.2
1.5
μA
Capacitor discharge current
ICT2
0.10
0.18
0.25
μA
Capacitor charge/discharge current
ratio
RCT
RCD = ICT1/ICT2
5
6.5
8
CT charge voltage
VCT1
1.3
1.5
1.7
V
CT discharge voltage
VCT2
0.3
0.5
0.7
V
OUT output low saturation voltage
VOL
IO = 200mA
0.25
0.45
V
OUT output high saturation voltage
VOH
IO = 200mA
0.95
1.2
V
Hall input sensitivity
VHN
Zero peak value
(including offset and hysteresis)
7
15
mV
RD output pin low-level voltage
VRD
IRD = 5mA
0.15
0.3
V
RD output pin leakage current
IRDL
VRD = 15V
1
30
μA
-30
0
30
60
90
120
0
500
400
300
200
100
Pd max -- Ta
192



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com