Electronic Components Datasheet Search
  English  ▼

X  

NCP431ACLPRAG Datasheet(PDF) 1 Page - ON Semiconductor

Part # NCP431ACLPRAG
Description  Programmable Precision References
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NCP431ACLPRAG Datasheet(HTML) 1 Page - ON Semiconductor

  NCP431ACLPRAG Datasheet HTML 1Page - ON Semiconductor NCP431ACLPRAG Datasheet HTML 2Page - ON Semiconductor NCP431ACLPRAG Datasheet HTML 3Page - ON Semiconductor NCP431ACLPRAG Datasheet HTML 4Page - ON Semiconductor NCP431ACLPRAG Datasheet HTML 5Page - ON Semiconductor NCP431ACLPRAG Datasheet HTML 6Page - ON Semiconductor NCP431ACLPRAG Datasheet HTML 7Page - ON Semiconductor NCP431ACLPRAG Datasheet HTML 8Page - ON Semiconductor NCP431ACLPRAG Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 17 page
background image
© Semiconductor Components Industries, LLC, 2016
June, 2016 − Rev. 14
1
Publication Order Number:
NCP431/D
NCP431A, SC431A,
NCP431B, SC431B,
NCP432B, SC432B Series
Programmable Precision
References
The NCP431/NCP432 integrated circuits are three−terminal
programmable shunt regulator diodes. These monolithic IC voltage
references operate as a low temperature coefficient zener which is
programmable from Vref to 36 V using two external resistors. These
devices exhibit a wide operating current range of 40
mA to 100 mA
with a typical dynamic impedance of 0.22
W. The characteristics of
these references make them excellent replacements for zener diodes in
many applications such as digital voltmeters, power supplies, and op
amp circuitry. The 2.5 V reference makes it convenient to obtain a
stable reference from 5.0 V logic supplies, and since the NCP431/
NCP432 operates as a shunt regulator, it can be used as either a
positive or negative voltage reference
. Low minimum operating
current makes this device an ideal choice for secondary regulators in
SMPS adapters with extremely low no−load consumption.
Features
• Programmable Output Voltage to 36 V
• Low Minimum Operating Current: 40 mA, Typ @ 25°C
• Voltage Reference Tolerance: ±0.5%, Typ @ 25°C
(NCP431B/NCP432B)
• Low Dynamic Output Impedance, 0.22 W Typical
• Sink Current Capability of 40 mA to 100 mA
• Equivalent Full−Range Temperature Coefficient of 50 ppm/°C
Typical
• Temperature Compensated for Operation over Full Rated Operating
Temperature Range
• SC Prefix for Automotive and Other Applications Requiring Unique
Site and Control Change Requirements; AEC−Q100 Qualified and
PPAP Capable
• These are Pb−Free Devices
Typical Applications
• Voltage Adapters
• Switching Power Supply
• Precision Voltage Reference
• Charger
• Instrumentation
SOIC−8 NB
D SUFFIX
CASE 751
www.onsemi.com
See detailed ordering and shipping information in the package
dimensions section on page 14 of this data sheet.
ORDERING AND MARKING INFORMATION
1
8
TO−92
LP SUFFIX
CASE 29−11
1 2
3
SOT−23−3
SN SUFFIX
CASE 318
1
2
3
Pin 1. Reference
2. Anode
3. Cathode
NCP431/SC431
Pin 1. Reference
2. Cathode
3. Anode
Reference
Anode
Anode
NC
Cathode
Anode
Anode
NC
1
(Top View)
NCP432/SC432
Pin 1. Cathode
2. Reference
3. Anode


Similar Part No. - NCP431ACLPRAG

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCP431ACLPRAG ONSEMI-NCP431ACLPRAG Datasheet
408Kb / 17P
Programmable Precision References
April, 2013 ??Rev. 5
More results

Similar Description - NCP431ACLPRAG

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
TL431 ONSEMI-TL431 Datasheet
173Kb / 18P
PROGRAMMABLE PRECISION REFERENCES
April, 2012 ??Rev. 34
logo
Microsemi Corporation
TL431 MICROSEMI-TL431 Datasheet
210Kb / 12P
PRECISION PROGRAMMABLE REFERENCES
logo
ON Semiconductor
TL431 ONSEMI-TL431_06 Datasheet
176Kb / 19P
Programmable Precision References
November, 2006 ??Rev. 25
logo
First Components Intern...
TL431 FCI-TL431 Datasheet
465Kb / 9P
Programmable Precision References
logo
ON Semiconductor
NCP431AISNT1G ONSEMI-NCP431AISNT1G Datasheet
408Kb / 17P
Programmable Precision References
April, 2013 ??Rev. 5
TL431 ONSEMI-TL431 Datasheet
216Kb / 18P
Programmable Precision References
April, 2012 ??Rev. 34
NCV431BVDMR2G ONSEMI-NCV431BVDMR2G Datasheet
216Kb / 18P
Programmable Precision References
April, 2012 ??Rev. 34
logo
First Silicon Co., Ltd
FA431HCS FS-FA431HCS Datasheet
282Kb / 4P
PROGRAMMABLE PRECISION REFERENCES
logo
ON Semiconductor
TL431A ONSEMI-TL431A Datasheet
448Kb / 21P
Programmable Precision References
January, 2019 ??Rev. 40
TL431A ONSEMI-TL431A_V01 Datasheet
471Kb / 22P
Programmable Precision References
April, 2022 - Rev. 43
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com