Electronic Components Datasheet Search
  English  ▼

X  

NCP431ACLPRAG Datasheet(PDF) 2 Page - ON Semiconductor

Part # NCP431ACLPRAG
Description  Programmable Precision References
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NCP431ACLPRAG Datasheet(HTML) 2 Page - ON Semiconductor

  NCP431ACLPRAG Datasheet HTML 1Page - ON Semiconductor NCP431ACLPRAG Datasheet HTML 2Page - ON Semiconductor NCP431ACLPRAG Datasheet HTML 3Page - ON Semiconductor NCP431ACLPRAG Datasheet HTML 4Page - ON Semiconductor NCP431ACLPRAG Datasheet HTML 5Page - ON Semiconductor NCP431ACLPRAG Datasheet HTML 6Page - ON Semiconductor NCP431ACLPRAG Datasheet HTML 7Page - ON Semiconductor NCP431ACLPRAG Datasheet HTML 8Page - ON Semiconductor NCP431ACLPRAG Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 17 page
background image
NCP431A, SC431A, NCP431B, SC431B, NCP432B, SC432B Series
www.onsemi.com
2
Cathode
(K)
Reference
(R)
Anode
(A)
Figure 1. Symbol
Cathode
(K)
Reference
(R)
Anode
(A)
2.5 Vref
Figure 2. Representative Block diagram
This device contains 20 active transistors
MAXIMUM RATINGS (Full operating ambient temperature range applies, unless otherwise noted)
Symbol
Rating
Value
Unit
VKA
Cathode to Anode Voltage
37
V
IK
Cathode Current Range, Continuous
−100 to +150
mA
Iref
Reference Input Current Range, Continuous
−5 to +10
mA
TJ
Operating Junction Temperature
150
°C
TA
Operating Ambient Temperature Range
−40 to +125
°C
Tstg
Storage Temperature Range
−65 to +150
°C
PD
Total Power Dissipation @ TA = 25°C
Derate above 25
°C Ambient Temperature
D, LP Suffix Plastic Package
SN1 Suffix Plastic Package
0.70
0.52
W
PD
Total Power Dissipation @ TC = 25°C
Derate above 25
°C Case Temperature
D, LP Suffix Plastic Package
1.5
W
HBM
CDM
ESD Rating (Note 1)
Human Body Model per JEDEC JESD22−A114F
Charged Device Model per JEDEC JESD22−C101E
>2000
>1000
V
Stresses exceeding those listed in the Maximum Ratings table may damage the device. If any of these limits are exceeded, device functionality
should not be assumed, damage may occur and reliability may be affected.
1. This device contains latch−up protection and exceeds
±100 mA per JEDEC standard JESD78.
RECOMMENDED OPERATING CONDITIONS
Symbol
Condition
Min
Max
Unit
VKA
Cathode to Anode Voltage
Vref
36
V
IK
Cathode Current
0.04
100
mA
Functional operation above the stresses listed in the Recommended Operating Ranges is not implied. Extended exposure to stresses beyond
the Recommended Operating Ranges limits may affect device reliability.
THERMAL CHARACTERISTICS
Symbol
Characteristic
LP Suffix Package
(50 mm2 x 35
mm Cu)
D Suffix Package
(50 mm2 x 35
mm Cu)
SN Suffix Package
(10 mm2 x 35
mm Cu)
Unit
RQJA
Thermal Resistance,
Junction−to−Ambient
176
210
255
°C/W
RQJL
Thermal Resistance,
Junction−to−Lead (Lead 3)
75
68
80
°C/W



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com