Electronic Components Datasheet Search
  English  ▼

X  

ASE-SERIES Datasheet(PDF) 1 Page - Copal Electronics

Part # ASE-SERIES
Description  Hyper-miniature Slide Switches
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COPAL [Copal Electronics]
Direct Link  http://www.nidec-copal-electronics.com/e
Logo COPAL - Copal Electronics

ASE-SERIES Datasheet(HTML) 1 Page - Copal Electronics

  ASE-SERIES Datasheet HTML 1Page - Copal Electronics ASE-SERIES Datasheet HTML 2Page - Copal Electronics ASE-SERIES Datasheet HTML 3Page - Copal Electronics ASE-SERIES Datasheet HTML 4Page - Copal Electronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
0.2R/A
0.3R/A
ON
ー
ON
ONーOFF ーON
N
P
D
E
Slide type
1 pole
2
5
6
SE
PC terminal
Right angle
(0.2inch pitch)
Right angle
(0.3inch pitch)
2 poles
A
  SE  2  D − 2  M − 10 − Z
Series code
Standard
M
Clip mechanism
Numberof poles
Terminal styles
Type
1
2
Fig.
Fig.
Distance between two terminal rows : 5.08mm
(0.2 )
Terminal line for double poles are 2.54mm
(0.1 )
(Compact type)
Code
Code
Switching function
Code Actuator shape
ASE
Hyper-miniature Slide Switches
■Features
1. High Contact Reliability
Twin-contact clip mechanism for high contact reliability
2. Immersion washable type
3. Gold-plated contacts suitable for low current applications
4. For PC board mounting
5. Improved operability
The independent detent structure provides a light
operating touch.
6. UL-recognized
Washable
■Right Angle Terminals
■ SpeciÄcations
Rating
0.4VA AC/DC
Voltagr range
20mV
∼48V
Current range
1
μA∼50mA
Max.
50mA 60V AC/DC
Min.
1
μA 20mA AC/DC
Initial contact resistance
50m
Ω max.
(1.5mA 200μ VAC)
Dielectric strength
250VAC 1 minute
Initial insulation resistance
500M
Ω min.
(500VDC)
Electrical life
10,000 cycles at max. rating.
10,000 cycles at min. rating or 0.4VA
Operating force
0.69
∼4.9N
Operating temperature range
−20℃∼+85℃
Storage temperature range
−40℃∼+85℃
■Part Numbering
UL
RoHS Compliant
0.2
−inch pitch
0.3
−inch pitch
1
−pole
2
−pole
■ Actuator Shape
Standard
(M)
:Optional Accessories.


Similar Part No. - ASE-SERIES

ManufacturerPart #DatasheetDescription
logo
Abracon Corporation
ASE-1.8432MHZ-L-C-T ABRACON-ASE-1.8432MHZ-L-C-T Datasheet
488Kb / 6P
3.3V CMOS Compatible 3.2 x 2.5mm SMD Crystal Oscillator
02-18-22
ASE-10.000MHZ-L-C-T ABRACON-ASE-10.000MHZ-L-C-T Datasheet
488Kb / 6P
3.3V CMOS Compatible 3.2 x 2.5mm SMD Crystal Oscillator
02-18-22
ASE-12.000MHZ-L-C-T ABRACON-ASE-12.000MHZ-L-C-T Datasheet
488Kb / 6P
3.3V CMOS Compatible 3.2 x 2.5mm SMD Crystal Oscillator
02-18-22
ASE-12.000MHZ-LC-T ABRACON-ASE-12.000MHZ-LC-T Datasheet
931Kb / 2P
3.3Vdc CMOS SMD CRYSTAL CLOCK OSCILLATOR
06.24.10
ASE-14.7456MHZ-L-C-T ABRACON-ASE-14.7456MHZ-L-C-T Datasheet
488Kb / 6P
3.3V CMOS Compatible 3.2 x 2.5mm SMD Crystal Oscillator
02-18-22
More results

Similar Description - ASE-SERIES

ManufacturerPart #DatasheetDescription
logo
ITT Industries
L202011MS02Q2 ITT-L202011MS02Q2 Datasheet
615Kb / 6P
Miniature Slide Switches
logo
C&K Components
L202011MS02QE2 CK-COMPONENTS-L202011MS02QE2 Datasheet
322Kb / 6P
Miniature Slide Switches
logo
E-SWITCH
600 E-SWITCH-600 Datasheet
218Kb / 2P
SLIDE SWITCHES - MINIATURE
logo
List of Unclassifed Man...
SLB12814 ETC2-SLB12814 Datasheet
579Kb / 8P
Miniature Slide Switches
SLG12004 ETC2-SLG12004 Datasheet
69Kb / 1P
Miniature Slide Switches
logo
Copal Electronics
AS_SERIES COPAL-AS_SERIES Datasheet
878Kb / 3P
Hyper-miniature Slide Switchess
ASE COPAL-ASE Datasheet
949Kb / 4P
Hyper-miniature Slide Switches
MHS COPAL-MHS Datasheet
839Kb / 6P
Hyper-miniature Slide Switches
SS220K-23 COPAL-SS220K-23 Datasheet
551Kb / 1P
Miniature Slide Switches
logo
C&K Components
L CK-COMPONENTS-L Datasheet
783Kb / 6P
Miniature Slide Switches
19 Mar 2019
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com