Electronic Components Datasheet Search
  English  ▼

X  

ASE-SERIES Datasheet(PDF) 4 Page - Copal Electronics

Part # ASE-SERIES
Description  Hyper-miniature Slide Switches
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COPAL [Copal Electronics]
Direct Link  http://www.nidec-copal-electronics.com/e
Logo COPAL - Copal Electronics

ASE-SERIES Datasheet(HTML) 4 Page - Copal Electronics

  ASE-SERIES Datasheet HTML 1Page - Copal Electronics ASE-SERIES Datasheet HTML 2Page - Copal Electronics ASE-SERIES Datasheet HTML 3Page - Copal Electronics ASE-SERIES Datasheet HTML 4Page - Copal Electronics  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
AS & ASE
■ Bracket Installation Procedure
■Handling Precautions (AS and ASE Series)
1.Soldering SpeciÄcations
⑴Manual Soldering
Device
: Soldering iron
380
℃, Max.; 3 seconds, Max.
⑵Auto Soldering
Device
: Jet wave type or dip type
275
℃, Max.; 6 seconds, Max.
・Pre-heating should be done at temperatures ranging from 80℃
to 120
℃ and within 120 sec.
2. Flux Cleaning
⑴Solvent : Fluorine or Alcohol type.
⑵Cleaning after soldering should be done after the terminal
temperature falls to 90
℃ or below, or after leaving the switch
for Äve minutes or longer at room temperature.
AS series are not process sealed and are not washable. If the PC
board is to be cleaned, clean the soldering surface of substrate with
a brush so that the switch is not exposed to the cleaning solution.
⑶Do not use ultrasonic cleaning system.
3. Mounting of Switch
⑴Use the PC boards of φ1 holes.
⑵Do not bend the terminals before mounting the switch on the
PC board.
⑶After mounting the switch, do not place the device in such a
way that the device weight will be applied on the knob, etc.
of the switch.
⑷Do not apply load exceeding 12.7 N (1.3 kgf) to the knob.
Use a bracket (optional accessory) if the load is expected
to exceed 12.7 N (1.3 kgf). The strength of the knob will be
reinforced to 29.4 N (3 kgf) max..
■Packaging SpeciÄcations
Plastick Pack
Right-angle terminals
: 50 pcs/pack
PC terminals
:100 pcs/pack



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com