Electronic Components Datasheet Search
  English  ▼

X  

TPS65090 Datasheet(PDF) 21 Page - Texas Instruments

Click here to check the latest version.
Part # TPS65090
Description  Front-End PMU With Switched-Mode Charger for 2 to 3 Cells In Series
PDF  69 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TPS65090 Datasheet(HTML) 21 Page - Texas Instruments

Back Button TPS65090 Datasheet HTML 17Page - Texas Instruments TPS65090 Datasheet HTML 18Page - Texas Instruments TPS65090 Datasheet HTML 19Page - Texas Instruments TPS65090 Datasheet HTML 20Page - Texas Instruments TPS65090 Datasheet HTML 21Page - Texas Instruments TPS65090 Datasheet HTML 22Page - Texas Instruments TPS65090 Datasheet HTML 23Page - Texas Instruments TPS65090 Datasheet HTML 24Page - Texas Instruments TPS65090 Datasheet HTML 25Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 69 page
background image
0
10
20
30
40
50
60
70
80
90
100
6.0
7.0
8.0
9.0
10.0
11.0
12.0
13.0
14.0
15.0
Input Voltage (V)
IOUT = 10 mA
IOUT = 1 A
IOUT = 4 A
DCDC3, VOUT = 1.8 V
G001
0
10
20
30
40
50
60
70
80
90
100
6.0
7.0
8.0
9.0
10.0
11.0
12.0
13.0
14.0
15.0
Input Voltage (V)
IOUT = 10 mA
IOUT = 1 A
IOUT = 4 A
DCDC3, VOUT = 3.3 V
G001
0
10
20
30
40
50
60
70
80
90
100
6.0
7.0
8.0
9.0
10.0
11.0
12.0
13.0
14.0
15.0
Input Voltage (V)
IOUT = 10 mA
IOUT = 1 A
IOUT = 4 A
DCDC3, VOUT = 1.0 V
G001
0
10
20
30
40
50
60
70
80
90
100
6.0
7.0
8.0
9.0
10.0
11.0
12.0
13.0
14.0
15.0
Input Voltage (V)
IOUT = 10 mA
IOUT = 1 A
IOUT = 4 A
DCDC3, VOUT = 1.35 V
G001
0
10
20
30
40
50
60
70
80
90
100
6.0
7.0
8.0
9.0
10.0
11.0
12.0
13.0
14.0
15.0
Input Voltage (V)
IOUT = 10 mA
IOUT = 1 A
IOUT = 5 A
DCDC1, VOUT = 5.0 V
G001
0
10
20
30
40
50
60
70
80
90
100
6.0
7.0
8.0
9.0
10.0
11.0
12.0
13.0
14.0
15.0
Input Voltage (V)
IOUT = 10 mA
IOUT = 1 A
IOUT = 5 A
DCDC2, VOUT = 3.3 V
G001
TPS65090
www.ti.com
SLVSBO6B – JANUARY 2013 – REVISED JULY 2015
Figure 12. Efficiency vs Input Voltage
Figure 13. Efficiency vs Input Voltage
Figure 14. Efficiency vs Input Voltage
Figure 15. Efficiency vs Input Voltage
Figure 16. Efficiency vs Input Voltage
Figure 17. Efficiency vs Input Voltage
Copyright © 2013–2015, Texas Instruments Incorporated
Submit Documentation Feedback
21
Product Folder Links: TPS65090



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com