Electronic Components Datasheet Search
  English  ▼

X  

TPS65090 Datasheet(PDF) 13 Page - Texas Instruments

Click here to check the latest version.
Part # TPS65090
Description  Front-End PMU With Switched-Mode Charger for 2 to 3 Cells In Series
PDF  69 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TPS65090 Datasheet(HTML) 13 Page - Texas Instruments

Back Button TPS65090 Datasheet HTML 9Page - Texas Instruments TPS65090 Datasheet HTML 10Page - Texas Instruments TPS65090 Datasheet HTML 11Page - Texas Instruments TPS65090 Datasheet HTML 12Page - Texas Instruments TPS65090 Datasheet HTML 13Page - Texas Instruments TPS65090 Datasheet HTML 14Page - Texas Instruments TPS65090 Datasheet HTML 15Page - Texas Instruments TPS65090 Datasheet HTML 16Page - Texas Instruments TPS65090 Datasheet HTML 17Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 69 page
background image
TPS65090
www.ti.com
SLVSBO6B – JANUARY 2013 – REVISED JULY 2015
6.8 Electrical Characteristics - Linear Regulators
over recommended free-air temperature range and over recommended input voltage range (typical at an ambient temperature
range of 25°C) (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
LDO1
Output voltage
IOUTLDO1 = 1 mA
4.90
4.95
5
V
LDO1 current limit
TA = 25°C
30
50
120
mA
DCDC1 active (bypass switch turned on),
LDO1 maximum output current
120
mA
VSYS = 7.5 V
Maximum line regulation
0.5%
Maximum load regulation
0.5%
FB_L1 input impedance
1
M
Ω
Quiescent current into VSYS_L1 and VSYS_L2
DCDC1 and DCDC2 are enabled
35
μA
Overtemperature protection
140
°C
Overtemperature hysteresis
20
°C
LDO2
Output voltage
IOUTLDO2 = 1 mA
3.233
3.267
3.3
V
LDO2 current limit
TA = 25°C
30
50
120
mA
DCDC2 active (bypass switch turned on),
LDO2 maximum output current
120
mA
VSYS = 7.5 V
Maximum line regulation
0.5%
Maximum load regulation
0.5%
FB_L2 input impedance
1
M
Ω
Quiescent current into VSYS_L2 and VSYS_L1
DCDC1 and DCDC2 are enabled
35
μA
Overtemperature protection
140
°C
Overtemperature hysteresis
20
°C
6.9 Electrical Characteristics - Load Switches
over recommended free-air temperature range and over recommended input voltage range (typical at an ambient temperature
range of 25°C) (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
FET1
Overcurrent detect threshold
TA = 25°C
1000
1200
mA
Switch ON-resistance
120
m
Ω
Output auto-discharge resistance
800
Ω
Maximum output voltage slew rate after turnon
0.1
0.5
1
V /
μs
Switch current limit - time-out
Multiplier set to 1, WTFET1 = 00
200
250
μs
Switch current limit - time-out
Multiplier set to 4, WTFET1 = 01
800
1000
μs
Switch current limit - time-out
Multiplier set to 8, WTFET1 = 10
1600
2000
μs
Switch current limit - time-out
Multiplier set to 16, WTFET1 = 11
3200
4000
μs
Leakage current into INFET1
FET1 disabled, VFET1 = 0 V
1
μA
FET2
Overcurrent detect threshold
TA = 25°C
200
240
mA
Switch ON-resistance
500
m
Ω
Output auto-discharge resistance
300
Ω
Maximum output voltage slew rate after turnon
0.1
0.5
1
V /
μs
Switch current limit - time-out
Multiplier set to 1, WTFET2 = 00
200
250
μs
Switch current limit - time-out
Multiplier set to 4, WTFET2 = 01
800
1000
μs
Switch current limit - time-out
Multiplier set to 8, WTFET2 = 10
1600
2000
μs
Switch current limit - time-out
Multiplier set to 16, WTFET2 = 11
3200
4000
μs
Copyright © 2013–2015, Texas Instruments Incorporated
Submit Documentation Feedback
13
Product Folder Links: TPS65090



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com