Electronic Components Datasheet Search
  English  ▼

X  

TPS65137AS Datasheet(PDF) 2 Page - Texas Instruments

Click here to check the latest version.
Part # TPS65137AS
Description  250mA Dual Outputs AMOLED Display Power Supply
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TPS65137AS Datasheet(HTML) 2 Page - Texas Instruments

  TPS65137AS Datasheet HTML 1Page - Texas Instruments TPS65137AS Datasheet HTML 2Page - Texas Instruments TPS65137AS Datasheet HTML 3Page - Texas Instruments TPS65137AS Datasheet HTML 4Page - Texas Instruments TPS65137AS Datasheet HTML 5Page - Texas Instruments TPS65137AS Datasheet HTML 6Page - Texas Instruments TPS65137AS Datasheet HTML 7Page - Texas Instruments TPS65137AS Datasheet HTML 8Page - Texas Instruments TPS65137AS Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 20 page
background image
TPS65137AS
SLVSB21B – AUGUST 2011 – REVISED SEPTEMBER 2013
www.ti.com
This integrated circuit can be damaged by ESD. Texas Instruments recommends that all integrated circuits be handled with
appropriate precautions. Failure to observe proper handling and installation procedures can cause damage.
ESD damage can range from subtle performance degradation to complete device failure. Precision integrated circuits may be more
susceptible to damage because very small parametric changes could cause the device not to meet its published specifications.
ORDERING INFORMATION(1) (2)
TA
PACKAGE(2)
ORDERABLE PART
TOP-SIDE MARKING
NUMBER
–40°C to 85°C
10-Pin 3x3 QFN
TPS65137ASDSCR
PPGC
(1)
For the most current package and ordering information, see the Package Option Addendum at the end of this document, or see the TI
web site at www.ti.com.
(2)
Package drawings, thermal data, and symbolization are available at www.ti.com/packaging.
ABSOLUTE MAXIMUM RATINGS
over operating free-air temperature range (unless otherwise noted)
(1)
VALUE
UNIT
MIN
MAX
PVIN, SWP, OUTP, CTRL, VL, CB
5.5
V
OUTN
–6.5
V
Pin Voltage(2)
SWN
–6.5
5.5
V
CT
3.6
V
HBM
2
kV
ESD rating
MM
200
V
CDM
500
V
TJ
Operating junction temperature range
–40
50
°C
TA
Operating ambient temperature range
–40
85
°C
Tstg
Storage temperature range
–65
150
°C
(1)
Stresses beyond those listed under absolute maximum ratings may cause permanent damage to the device. These are stress ratings
only, and functional operation of the device at these or any other conditions beyond those indicated under recommended operating
conditions is not implied. Exposure to absolute–maximum–rated conditions for extended periods may affect device reliability.
(2)
With respect to GND pin.
THERMAL INFORMATION
TPS65137AS
THERMAL METRIC(1)
DSC
UNITS
10
θJA
Junction-to-ambient thermal resistance
56.5
θJB
Junction-to-board thermal resistance
25.2
°C/W
ψJT
Junction-to-top characterization parameter
1.0
ψJB
Junction-to-board characterization parameter
17.9
(1)
For more information about traditional and new thermal metrics, see the IC Package Thermal Metrics application report, SPRA953.
RECOMMENDED OPERATING CONDITIONS
MIN
TYP
MAX
UNIT
VIN
Input supply voltage range
2.5
3.7
4.8
V
TA
Operating ambient temperature
–40
25
85
°C
TJ
Operating junction temperature
–40
85
125
°C
2
Submit Documentation Feedback
Copyright © 2011–2013, Texas Instruments Incorporated
Product Folder Links: TPS65137AS



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com