Electronic Components Datasheet Search
  English  ▼

X  

TPS65137AS Datasheet(PDF) 13 Page - Texas Instruments

Click here to check the latest version.
Part # TPS65137AS
Description  250mA Dual Outputs AMOLED Display Power Supply
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TPS65137AS Datasheet(HTML) 13 Page - Texas Instruments

Back Button TPS65137AS Datasheet HTML 9Page - Texas Instruments TPS65137AS Datasheet HTML 10Page - Texas Instruments TPS65137AS Datasheet HTML 11Page - Texas Instruments TPS65137AS Datasheet HTML 12Page - Texas Instruments TPS65137AS Datasheet HTML 13Page - Texas Instruments TPS65137AS Datasheet HTML 14Page - Texas Instruments TPS65137AS Datasheet HTML 15Page - Texas Instruments TPS65137AS Datasheet HTML 16Page - Texas Instruments TPS65137AS Datasheet HTML 17Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 20 page
background image
C1
4.72F
L1
4.7uH
OUTP
VIN
2.5V to 4.8V
C2
4.72F
VPOS
4.6V/250mA
PGND
VNEG
-4.9V/250mA
GND
CT
C3
4.72F
C4
100nF
VIN
SWP
TPS65137AS
CTRL
L2
4.72H
SWN
OUTN
CB
EN and
Program VNEG
C5
4.72F
TPS65137AS
www.ti.com
SLVSB21B – AUGUST 2011 – REVISED SEPTEMBER 2013
Figure 13. Typical Application Circuit
Copyright © 2011–2013, Texas Instruments Incorporated
Submit Documentation Feedback
13
Product Folder Links: TPS65137AS



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com