Electronic Components Datasheet Search
  English  ▼

X  

TPS65217 Datasheet(PDF) 13 Page - Texas Instruments

Click here to check the latest version.
Part # TPS65217
Description  Single-Chip PMIC for Battery-Powered Systems
PDF  89 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TPS65217 Datasheet(HTML) 13 Page - Texas Instruments

Back Button TPS65217 Datasheet HTML 9Page - Texas Instruments TPS65217 Datasheet HTML 10Page - Texas Instruments TPS65217 Datasheet HTML 11Page - Texas Instruments TPS65217 Datasheet HTML 12Page - Texas Instruments TPS65217 Datasheet HTML 13Page - Texas Instruments TPS65217 Datasheet HTML 14Page - Texas Instruments TPS65217 Datasheet HTML 15Page - Texas Instruments TPS65217 Datasheet HTML 16Page - Texas Instruments TPS65217 Datasheet HTML 17Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 89 page
background image
TPS65217
www.ti.com
SLVSB64G – NOVEMBER 2011 – REVISED JANUARY 2015
Electrical Characteristics (continued)
VBAT = 3.6 V ±5%, TJ = 27ºC (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
PGDLY[1:0] = 00
20
PGDLY[1:0] = 01
100
PGDLY
PGOOD delay time
ms
PGDLY[1:0] = 10
200
PGDLY[1:0] = 11
400
tHRST
PB-IN “Hard Reset Detect” time
Not tested in production
8
s
PB_IN pin deglitch time
Not tested in production
50
tDG
PWR_EN pin deglitch time
Not tested in production
50
ms
nRESET pin deglitch time
Not tested in production
30
PB_IN internl pull-up resistor
100
RPULLUP
k
Ω
nRESET internl pull-up resistor
100
High level input voltage
VIH
1.2
VIN
V
PB_IN, SCL, SDA, PWR_EN, nRESET
Low level input voltage
VIL
0
0.4
V
PB_IN, SCL, SDA, PWR_EN, nRESET
Input bias current
IBIAS
0.01
1
µA
PB_IN, SCL, SDA
nINT, nWAKEUP
IO = 1 mA
0.3
VOL
Output low voltage
V
PGOOD, LDO_PGOOD
IO = 1 mA
0.3
VOH
Output high voltage
PGOOD, LDO_PGOOD
IO = 1 mA
VIO - 0.3
V
Pin leakage current
ILEAK
Pin pulled up to 3.3-V supply
0.2
µA
nINT, nWAKEUP
0x24h
I2C slave address
OSCILLATOR
Oscillator frequency
9
MHz
fOSC
Frequency accuracy
TA = –40°C to 105°C
-10%
10%
OVER TEMPERATURE SHUTDOWN
Over temperature shutdown
Increasing junction temperature
150
°C
TOTS
Hysteresis
Decreasing junction temperature
20
°C
Copyright © 2011–2015, Texas Instruments Incorporated
Submit Documentation Feedback
13
Product Folder Links: TPS65217



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com