Electronic Components Datasheet Search
  English  ▼

X  

TPS65232 Datasheet(PDF) 10 Page - Texas Instruments

Part # TPS65232
Description  TRIPLE BUCK POWER MANAGEMENT IC
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TPS65232 Datasheet(HTML) 10 Page - Texas Instruments

Back Button TPS65232 Datasheet HTML 6Page - Texas Instruments TPS65232 Datasheet HTML 7Page - Texas Instruments TPS65232 Datasheet HTML 8Page - Texas Instruments TPS65232 Datasheet HTML 9Page - Texas Instruments TPS65232 Datasheet HTML 10Page - Texas Instruments TPS65232 Datasheet HTML 11Page - Texas Instruments TPS65232 Datasheet HTML 12Page - Texas Instruments TPS65232 Datasheet HTML 13Page - Texas Instruments TPS65232 Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 32 page
background image
V3p3
V3p3
(1)
(2)
EN_BCKx
BUCKENABLE
6uA
Enable
Threshold
BUCK A
Enable
BUCKB
Enable
BUCKC
Enable
Time
Delaytime = 0.2ms/nF
1.2V
(1) Connect EN_BCKx pin to V3P3 to follow the default power-up sequence or
(2) Connect a capacitor from EN_BCKx to GND to generate a custom power-up sequence.
TPS65232
SLVSA42 – FEBRUARY 2010
www.ti.com
ELECTRICAL CHARACTERISTICS (continued)
VIN = 12 V ±5%, VINB2, VINB3 = 5 V ±5%, TJ = 0°C to 150°C (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
SOFT START (BUCK1, 2, and 3)
ISS
Soft start current source
2
mA
VSS, MAX
Soft start ramp voltage
Ramp end
0.8
V
CSS
Soft start capacitor
tSS = 0.4 ms/nF
2
3.3
4.7
nF
SSDONE_BK
Deglitch time
2.5
ms
SSDONE_DCH
SS discharge time
500
ms
THERMAL SHUTDOWN
Thot
Thermal warning
120
°C
Ttrip
Thermal s/d trip point
160
°C
Thyst
Thermal s/d hysteresis
20
°C
POWER-UP SEQUENCING
ON/OFF control and power sequencing of the three buck regulators is controlled through EN_BCK1, EN_BCK2,
and EN_BCK3 enable pins. Each pin is internally connected to a 6-mA constant-current source and monitored by
a comparator with Schmitt trigger input with defined threshold. Connecting EN_BCKn pin to ground disables
BUCKn and connecting EN_BCKn to V3p3 will enable the respective buck without delay. If more than one buck
enable pin is connected to V3p3 the default startup sequence is BUCK1, BUCK2, BUCK3 and the minimum
startup delay between rails is the soft-start time (typical 1.5 ms) plus 1 ms.
To create a startup-sequence different from the default, capacitors are connected between the EN_BUCKn pins
and ground. At power-up the capacitors are first discharged and then charged to V3p3 level by internal current
sources (6 mA typical) creating a constant-slope voltage ramp. A regulator is enabled when its EN pin voltage
crosses the enable threshold (typical 1.2 V). A delay of 0.2 ms is generated for each 1-nF of capacitance
connected to the enable pin. If two enable pins are pulled high while the third regulator is starting up, the default
sequence will be applied to enable the remaining two regulators. To override default power-up sequence it is
recommended that delay times differ by more than the soft-start time (typical 1.3 ms) plus 1 ms.
Figure 1. Customizing the Power-Up Sequence
10
Submit Documentation Feedback
Copyright © 2010, Texas Instruments Incorporated
Product Folder Link(s): TPS65232
Not Recommended for New Designs



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com