Electronic Components Datasheet Search
  English  ▼

X  

AN32 Datasheet(PDF) 2 Page - Copal Electronics

Part # AN32
Description  10-LED Boost Converter
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COPAL [Copal Electronics]
Direct Link  http://www.nidec-copal-electronics.com/e
Logo COPAL - Copal Electronics

AN32 Datasheet(HTML) 2 Page - Copal Electronics

  AN32 Datasheet HTML 1Page - Copal Electronics AN32 Datasheet HTML 2Page - Copal Electronics AN32 Datasheet HTML 3Page - Copal Electronics AN32 Datasheet HTML 4Page - Copal Electronics AN32 Datasheet HTML 5Page - Copal Electronics AN32 Datasheet HTML 6Page - Copal Electronics AN32 Datasheet HTML 7Page - Copal Electronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
Application Note 32
Doc. No. 6050 Rev. A
2
© 2006 NIDEC COPAL ELECTRONICS CORP.
e
c
i
t
o
n
t
u
o
h
t
i
w
e
g
n
a
h
c
o
t
t
c
e
j
b
u
s
s
c
i
t
s
i
r
e
t
c
a
r
a
h
C
The board is powered from an external voltage
applied to the VIN (T1) pad. The circuit is delivered
with no LEDs soldered on board. The user can solder
his white LEDs on the W-6238 board (8 to 10 LED
string pads layout provided) or he can choose to
connect the LEDs from his application between VOUT
(T7) and LED (T10) test points.
The LED current is set through the external resistors
connected to the FB pin (R1, R2). Using the variable
resistor R2, the LED current can be set from 3mA to
40mA. Most white LEDs are driven at a maximum
current between 15mA and 20mA to ensure a pure
“white” light.
The board also demonstrates the W-6238 shutdown
mode and LED brightness control by using an external
PWM signal or a DC voltage. Resistors R3 and R5
(R5 – soldered on board by the user) are used to
adjust the LED current using the dimming control with
an external applied DC voltage on the FB pin. The
ON/OFF operation and dimming control can be
selected
using
the
jumper
options
for
the
J1
connector.
Test points T1 to T10 are available to apply the
external voltages/signal generator or to measure the
output voltages / signals provided by W-6238.
The component placement is shown in Figure 2.
Table 1 presents the component list for this evaluation
board.
Figure 2. W-6238EVAL1 Board
W-6238 White LED Driver
W-6238EVAL1
Rev.1.0
W-6238
COPAL ELECTRONICS
www.nidec-copal-electronics.com +81-3-3364-7055



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com