Electronic Components Datasheet Search
  English  ▼

X  

AN32 Datasheet(PDF) 4 Page - Copal Electronics

Part # AN32
Description  10-LED Boost Converter
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COPAL [Copal Electronics]
Direct Link  http://www.nidec-copal-electronics.com/e
Logo COPAL - Copal Electronics

AN32 Datasheet(HTML) 4 Page - Copal Electronics

  AN32 Datasheet HTML 1Page - Copal Electronics AN32 Datasheet HTML 2Page - Copal Electronics AN32 Datasheet HTML 3Page - Copal Electronics AN32 Datasheet HTML 4Page - Copal Electronics AN32 Datasheet HTML 5Page - Copal Electronics AN32 Datasheet HTML 6Page - Copal Electronics AN32 Datasheet HTML 7Page - Copal Electronics  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
Application Note 32
Doc. No. 6050 Rev. A
4
© 2006 NIDEC COPAL ELECTRONICS CORP.
e
c
i
t
o
n
t
u
o
h
t
i
w
e
g
n
a
h
c
o
t
t
c
e
j
b
u
s
s
c
i
t
s
i
r
e
t
c
a
r
a
h
C
2)
LED Current Evaluation
a) Programming LED current
LED
current
is
programmed
using
the
external
resistors,
RSET
=
R1
+
R2,
connected to the FB pin. The voltage at the
FB pin is internally regulated to the value
VFB = 300mV +/- 15 mV.
The current into the LED pin can be set
according to the following equation:
–
Set the input voltage: ex. VIN = 3.6V.
–
Disconnect the jumper from the J4,
connector and insert a current meter
between these pins to monitor the LED
current, ILED.
–
Rotate the potentiometer R2 and observe
the ILED value on the current meter. The
current can be adjusted between 3mA
and 30mA, approximately. Various LED
current values and the associated RSET
values are listed below:
ILED (mA)
RSET ( )
559
10
29.8
15
20
20
15
25
12
30
10
–
Monitor the voltage on FB (T5), VOUT (T7),
and SW (T9).
–
Verify
the
internal
switch
frequency
(fSW = 1.0MHz typically) using a scope
probe connected on SW (T9) test point
(GND = T8).
Figure 3 shows the internal switch output, VSW (DC
coupled, 5V/div) and the regulated voltage on FB pin,
VFB (DC, 500mV/div) for VIN = 3.6V, I LED = 20mA, 10
LEDs in series connected to the W-6238 output.
Figure 3. Internal Switch Output and Regulated
VFB Voltage Waveforms (ILED = 20mA, VIN = 3.6V)
b) Evaluating LED current regulation versus the
input voltage, VIN.
–
Set the ILED to a programmed value using
the R2 potentiometer (i.e. 10mA, 20mA,
30mA for VIN = 3.6V)
–
For any ILED value vary the VIN voltage
between 3.0V and 5.5V
–
Observe the value of ILED measured by
the current meter and VFB using a
voltmeter. Figure 4 presents the ILED
current versus VIN. Figure 5 shows the
W-6238
FB
voltage
versus
input
voltage.
W-6238 LED Current versus Input Voltage
(10 LEDs in series)
0
5
10
15
20
25
30
35
3.00
3.50
4.00
4.50
5.00
5.50
VIN (V)
RSET = 29.8ohm
RSET = 15 ohm
RSET = 10 ohm
W-6238 FB Voltage versus Input Voltage
200
210
220
230
240
250
260
270
280
290
300
310
3.00
3.50
4.00
4.50
5.00
5.50
VIN (V)
ILED = 10 mA
ILED = 20 mA
ILED = 30 mA
Figure 5. VFB voltage Line Regulation
Note: RSET = R1 + R2
Figure 4. LED current Line Regulation
()
2
R
+
1
R
v
=
)
(
RSET
)
mV
(
V
=
mA
I
FB
FB
LED



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com