Electronic Components Datasheet Search
  English  ▼

X  

CDCFR83 Datasheet(PDF) 7 Page - Texas Instruments

Click here to check the latest version.
Part # CDCFR83
Description  DIRECT RAMBUS CLOCK GENERATOR
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

CDCFR83 Datasheet(HTML) 7 Page - Texas Instruments

Back Button CDCFR83 Datasheet HTML 3Page - Texas Instruments CDCFR83 Datasheet HTML 4Page - Texas Instruments CDCFR83 Datasheet HTML 5Page - Texas Instruments CDCFR83 Datasheet HTML 6Page - Texas Instruments CDCFR83 Datasheet HTML 7Page - Texas Instruments CDCFR83 Datasheet HTML 8Page - Texas Instruments CDCFR83 Datasheet HTML 9Page - Texas Instruments CDCFR83 Datasheet HTML 10Page - Texas Instruments CDCFR83 Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 12 page
background image
CDCFR83
DIRECT RAMBUS
 CLOCK GENERATOR
SCAS665A – APRIL 2001 REVISED MARCH 2002
7
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
switching characteristics over recommended operating free-air temperature range (unless
otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP†
MAX
UNIT
tc(out)
Clock output cycle time
1.87
3.75
ns
267 MHz
80
T t l
l jitt
1 2
Infinite and
300 MHz
70
t(jitter)
Total cycle jitter over 1, 2,
345or 6 clock cycles
Infinite and
stopped phase
356 MHz
See Figure 3
60
ps
(j
)
3, 4, 5, or 6 clock cycles
alignment
400 MHz
50
533 MHz§
40
t(phase)
Phase detector phase error for distributed loop
Static phase error}
–100
100
ps
t(phase, SSC)
PLL output phase error when tracking SSC
Dynamic phase error}
–100
100
ps
t(DC)
Output duty cycle over 10,000 cycles
See Figure 4
45%
55%
267 MHz
80
Ot
t
l t
l
Infinite and
300 MHz
70
t(DC, err)
Output cycle-to-cycle
duty cycle error
Infinite and
stopped phase
356 MHz
See Figure 5
60
ps
(,
)
duty cycle error
alignment
400 MHz
50
533 MHz
50
tr, tf
Output rise and fall times (measured at 20%–80% of
output voltage)
See Figure 7
160
400
ps
∆t
Difference between rise and fall times on a single device
(20%–80%) |tf – tr|
See Figure 7
100
ps
† All typical values are at VDD = 3.3 V, TA = 25°C.
‡ Assured by design
§ Jitter measurement according to Rambus validation specification
state transition latency specifications
PARAMETER
FROM
TO
TEST
CONDITIONS
MIN
TYP†
MAX
UNIT
t()
Delay time, PWRDNB
↑ to CLK/CLKB output
settled (excluding t(DISTLOCK))
Powerdown
Normal
See Figure 8
3
ms
t(powerup)
Delay time, PWRDNB
↑ to internal PLL and
clock are on and settled
Powerdown
Normal
3
ms
t(VDD
)
Delay time, power up to CLK/CLKB output
settled
VDD
Normal
See Figure 8
3
ms
t(VDDpowerup)
Delay time, power up to internal PLL and
clock are on and settled
VDD
Normal
3
ms
t(MULT)
MULT0 and MULT1 change to CLK/CLKB
output resettled (excluding t(DISTLOCK))
Normal
Normal
See Figure 9
1
ms
t(CLKON)
STOPB
↑ to CLK/CLKB glitch-free clock
edges
CLK Stop
Normal
See Figure 10
10
ns
t(CLKSETL)
STOPB
↑ to CLK/CLKB output settled to
within 50 ps of the phase before STOPB was
disabled
CLK Stop
Normal
See Figure 10
20
cycles
t(CLKOFF)
STOPB
↓ to CLK/CLKB output disabled
Normal
CLK
Stop
See Figure 10
5
ns
† All typical values are at VDD = 3.3 V, TA = 25°C.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com