Electronic Components Datasheet Search
  English  ▼

X  

CDCFR83 Datasheet(PDF) 8 Page - Texas Instruments

Click here to check the latest version.
Part # CDCFR83
Description  DIRECT RAMBUS CLOCK GENERATOR
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

CDCFR83 Datasheet(HTML) 8 Page - Texas Instruments

Back Button CDCFR83 Datasheet HTML 4Page - Texas Instruments CDCFR83 Datasheet HTML 5Page - Texas Instruments CDCFR83 Datasheet HTML 6Page - Texas Instruments CDCFR83 Datasheet HTML 7Page - Texas Instruments CDCFR83 Datasheet HTML 8Page - Texas Instruments CDCFR83 Datasheet HTML 9Page - Texas Instruments CDCFR83 Datasheet HTML 10Page - Texas Instruments CDCFR83 Datasheet HTML 11Page - Texas Instruments CDCFR83 Datasheet HTML 12Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 8 / 12 page
background image
CDCFR83
DIRECT RAMBUS
 CLOCK GENERATOR
SCAS665A – APRIL 2001 REVISED MARCH 2002
8
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
state transition latency specifications (continued)
PARAMETER
FROM
TO
TEST
CONDITIONS
MIN
TYP†
MAX
UNIT
t(powerdown)
Delay time, PWRDNB
↓ to the device in the
power-down mode
Normal
Powerdown
See Figure 8
1
ms
t(STOP)
Maximum time in CLKSTOP (STOPB = 0)
before reentering normal mode
(STOPB = 1)
STOPB
Normal
See Figure 10
100
µs
t(ON)
Minimum time in normal mode (STOPB = 1)
before reentering CLKSTOP (STOPB = 0)
Normal
CLK stop
See Figure 10
100
ms
t(DISTLOCK)
Time from when CLK/CLKB output is
settled to when the phase error between
SYNCLKN and PCLKM falls within t(phase)
Unlocked
Locked
5
ms
† All typical values are at VDD = 3.3 V, TA = 25°C.
PARAMETER MEASUREMENT INFORMATION
39
Ω, ±5%
68
Ω, ±5%
68
Ω, ±5%
10 pF
100 pF
39
Ω, ±5%
10 pF
RT = 28 Ω
RT = 28 Ω
Figure 1. Test Load and Voltage Definitions (VO(STOP), VO(X), VO, VOH, VOL)
CLK
CLKB
tc(1)
tc(2)
Cycle-to-cycle jitter = | tc(1) – tc(2)| over 10000 consecutive cycles
Figure 2. Cycle-to-Cycle Jitter



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com