Electronic Components Datasheet Search
  English  ▼

X  

ISO124 Datasheet(PDF) 12 Page - Texas Instruments

Click here to check the latest version.
Part # ISO124
Description  Precision Lowest-Cost Isolation Amplifier
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

ISO124 Datasheet(HTML) 12 Page - Texas Instruments

Back Button ISO124 Datasheet HTML 8Page - Texas Instruments ISO124 Datasheet HTML 9Page - Texas Instruments ISO124 Datasheet HTML 10Page - Texas Instruments ISO124 Datasheet HTML 11Page - Texas Instruments ISO124 Datasheet HTML 12Page - Texas Instruments ISO124 Datasheet HTML 13Page - Texas Instruments ISO124 Datasheet HTML 14Page - Texas Instruments ISO124 Datasheet HTML 15Page - Texas Instruments ISO124 Datasheet HTML 16Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 28 page
background image
Frequency (Hz)
+3
0
–3
–9
–15
–21
–27
2k
10k
100k
200k
1
2
5k
20k
50k
1) Standard ISO124 has 50kHz single-pole (Butterworth) re-
sponse.
2) ISO124 with cascaded 50kHz, Q = 1, two-pole, low-pass
filter has three-pole Butterworth response.
12
ISO124
SBOS074D – SEPTEMBER 1997 – REVISED JULY 2016
www.ti.com
Product Folder Links: ISO124
Submit Documentation Feedback
Copyright © 1997–2016, Texas Instruments Incorporated
Typical Applications (continued)
9.2.1.3 Application Curves
Figure 11. Gain vs. Frequency
Figure 12. Standard ISO124 (Approximately 20-mVp-p
Output Ripple)
Figure 13. Filtered ISO124 (No Visible Output Ripple)
Figure 14. Step Response of Standard ISO124
Figure 15. Step Response of ISO124 With Added Twopole
Output Filter
Figure 16. Large-signal, 10-kHz Sine-wave Response of
ISO124 With and Without Output Filter



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com