Electronic Components Datasheet Search
  English  ▼

X  

ISO7240CF-Q1 Datasheet(PDF) 13 Page - Texas Instruments

Click here to check the latest version.
Part # ISO7240CF-Q1
Description  HIGH-SPEED QUAD DIGITAL ISOLATORS
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

ISO7240CF-Q1 Datasheet(HTML) 13 Page - Texas Instruments

Back Button ISO7240CF-Q1 Datasheet HTML 9Page - Texas Instruments ISO7240CF-Q1 Datasheet HTML 10Page - Texas Instruments ISO7240CF-Q1 Datasheet HTML 11Page - Texas Instruments ISO7240CF-Q1 Datasheet HTML 12Page - Texas Instruments ISO7240CF-Q1 Datasheet HTML 13Page - Texas Instruments ISO7240CF-Q1 Datasheet HTML 14Page - Texas Instruments ISO7240CF-Q1 Datasheet HTML 15Page - Texas Instruments ISO7240CF-Q1 Datasheet HTML 16Page - Texas Instruments ISO7240CF-Q1 Datasheet HTML 17Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 27 page
background image
t
fs
IN
OUT
0 V
or
V
1
CC
V
CC
V
I
C
L
NOTE A
V
O
V
I
V
O
50%
V
CC
0 V
V
OH
V
OL
2.7 V
fs low
V O
Input
Generator
50 W
OUT
DISABLE
VI
IN
0 V
VO
V I
50 %
50 %
t wake
VO
Input
Generator
50 W
OUT
DISABLE
V O
V I
IN
0 V
C L
wake
t
( Note A)
( Note A )
C L
( Note B )
(Note B )
VCC2
0 V
0 V
0 V
0 V
VI
CTRL
3 V
CTRL
3 V
VCC
VCC
V
/2
CC2
VCC2
V
/2
CC2
NOTE: Which ever test yields the longest time is used in this data sheet
ISO7240CF-Q1, ISO7240C-Q1
ISO7241C-Q1, ISO7242C-Q1
www.ti.com
SLLSE40A
– SEPTEMBER 2010 – REVISED SEPTEMBER 2011
PARAMETER MEASUREMENT INFORMATION (continued)
A.
CL = 15 pF and includes instrumentation and fixture capacitance within ±20%.
B.
The input pulse is supplied by a generator having the following characteristics: PRR
≤ 50 kHz, 50% duty cycle, tr ≤ 3
ns, tf ≤ 3 ns, ZO = 50Ω.
Figure 3. Failsafe Delay Time Test Circuit and Voltage Waveforms
A.
Whichever test yields the longest time is used in this data sheet.
Figure 4. Wake Time From Input Disable Test Circuit and Voltage Waveforms
Copyright
© 2010–2011, Texas Instruments Incorporated
Submit Documentation Feedback
13
Product Folder Link(s): ISO7240CF-Q1 ISO7241C-Q1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com