Electronic Components Datasheet Search
  English  ▼

X  

MPY634AM Datasheet(PDF) 5 Page - Texas Instruments

Part # MPY634AM
Description  Wide Bandwidth PRECISION ANALOG MULTIPLIER
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

MPY634AM Datasheet(HTML) 5 Page - Texas Instruments

  MPY634AM Datasheet HTML 1Page - Texas Instruments MPY634AM Datasheet HTML 2Page - Texas Instruments MPY634AM Datasheet HTML 3Page - Texas Instruments MPY634AM Datasheet HTML 4Page - Texas Instruments MPY634AM Datasheet HTML 5Page - Texas Instruments MPY634AM Datasheet HTML 6Page - Texas Instruments MPY634AM Datasheet HTML 7Page - Texas Instruments MPY634AM Datasheet HTML 8Page - Texas Instruments MPY634AM Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 17 page
background image
MPY634
5
SBFS017A
www.ti.com
TYPICAL PERFORMANCE CURVES (CONT)
T
A = +25°C, VS = ±15VDC, unless otherwise noted.
THEORY OF OPERATION
The transfer function for the MPY634 is:
VOUT = A
– (Z1 – Z2)
where:
A = open-loop gain of the output amplifier (typically
85dB at DC).
SF = Scale Factor. Laser-trimmed to 10V but adjustable
over a 3V to 10V range using external resistors.
X, Y, Z are input voltages. Full-scale input voltage
is equal to the selected SF. (Max input voltage =
±1.25 SF).
An intuitive understanding of transfer function can be gained
by analogy to the op amp. By assuming that the open-loop
gain, A, of the output operational amplifier is infinite,
(X
1 – X2) (Y1 – Y2)
SF
inspection of the transfer function reveals that any VOUT can
be created with an infinitesimally small quantity within the
brackets. Then, an application circuit can be analyzed by
assigning circuit voltages for all X, Y and Z inputs and
setting the bracketed quantity equal to zero. For example,
the basic multiplier connection in Figure 1, Z1 = VOUT and
Z2 = 0. The quantity within the brackets then reduces to:
– (VOUT – 0) = 0
This approach leads to a simple relationship which can be
solved for VOUT to provide the closed-loop transfer function.
The scale factor is accurately factory adjusted to 10V and is
typically accurate to within 0.1% or less. The scale factor
may be adjusted by connecting a resistor or potentiometer
between pin SF and the –VS power supply. The value of the
external resistor can be approximated by:
(X
1 – X2) (Y1 – Y2)
SF
14
12
10
8
6
4
810
12
16
18
20
Positive or Negative Supply (V)
INPUT/OUTPUT SIGNAL RANGE
vs SUPPLY VOLTAGES
14
Output, R
L ≥ 2kΩ
All inputs, SF = 10V
–10
INPUT DIFFERENTIAL-MODE/
COMMON-MODE VOLTAGE
–12
12
10
–5
5
–55
10
–10
Specified
Accuracy
V
S = ±15V
Functional
Derated Accuracy
V
CM
V
DIFF
800
700
600
500
400
300
200
100
0
–20
0
60
100
140
Temperature (°C)
BIAS CURRENTS vs TEMPERATURE
(X,Y or Z Inputs)
20
–40
40
80
120
Scaling Voltage = 10V
Scaling Voltage = 3V
–60



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com