Electronic Components Datasheet Search
  English  ▼

X  

MPY634AM Datasheet(PDF) 6 Page - Texas Instruments

Part # MPY634AM
Description  Wide Bandwidth PRECISION ANALOG MULTIPLIER
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

MPY634AM Datasheet(HTML) 6 Page - Texas Instruments

Back Button MPY634AM Datasheet HTML 2Page - Texas Instruments MPY634AM Datasheet HTML 3Page - Texas Instruments MPY634AM Datasheet HTML 4Page - Texas Instruments MPY634AM Datasheet HTML 5Page - Texas Instruments MPY634AM Datasheet HTML 6Page - Texas Instruments MPY634AM Datasheet HTML 7Page - Texas Instruments MPY634AM Datasheet HTML 8Page - Texas Instruments MPY634AM Datasheet HTML 9Page - Texas Instruments MPY634AM Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 17 page
background image
MPY634
6
SBFS017A
www.ti.com
RSF = 5.4kΩ
Internal device tolerances make this relationship accurate to
within approximately 25%. Some applications can benefit
from reduction of the SF by this technique. The reduced
input bias current, noise, and drift achieved by this technique
can be likened to operating the input circuitry in a higher
gain, thus reducing output contributions to these effects.
Adjustment of the scale factor does not affect bandwidth.
The MPY634 is fully characterized at VS = ±15V but
operation is possible down to
±8V with an attendant reduc-
tion of input and output range capability. Operation at
voltages greater than
±15V allows greater output swing to be
achieved by using an output feedback attenuator (Figure 1).
As with any wide bandwidth circuit, the power supplies
should be bypassed with high frequency ceramic capacitors.
These capacitors should be located as near as practical to the
power supply connections of the MPY634. Improper by-
passing can lead to instability, overshoot, and ringing in the
output.
FIGURE 2. Basic Multiplier Connection.
SF
10 – SF
MPY634
X
1
+V
S
X
2
Out
SF
Z
1
Y
1
Z
2
Y
2
–V
S
10k
Ω
–15V
+15V
Y Input
±10V FS
±12V PK
X Input
±10V FS
±12V PK
90k
Ω
V
OUT, ±12V PK
= (X
1 – X2) (Y1 – Y2)
(Scale = 1V)
Optional
Peaking
Capacitor
C
F = 200pF
FIGURE 1. Connections for Scale-Factor of Unity.
BASIC MULTIPLIER CONNECTION
Figure 2 shows the basic connection as a multiplier. Accu-
racy is fully specified without any additional user-trimming
circuitry. Some applications can benefit from trimming of
one or more of the inputs. The fully differential inputs
facilitate referencing the input quantities to the source volt-
age common terminal for maximum accuracy. They also
allow use of simple offset voltage trimming circuitry as
shown on the X input.
The differential Z input allows an offset to be summed in
VOUT. In basic multiplier operation, the Z2 input serves as
the output voltage ground reference and should be connected
to the ground of the driven system for maximum accuracy.
A method of changing (lowering) SF by connecting to the
SF pin was discussed previously. Figure 1 shows an alterna-
tive method of changing the effective SF of the overall
circuit by using an attenuator in the feedback connection to
Z1. This method puts the output amplifier in a higher gain
and is thus accompanied by a reduction in bandwidth and an
increase in output offset voltage. The larger output offset
may be reduced by applying a trimming voltage to the high
impedance input, Z2.
The flexibility of the differential Z inputs allows direct
conversion of the output quantity to a current. Figure 3
shows the output voltage differentially-sensed across a se-
ries resistor forcing an output-controlled current. Addition
of a capacitor load then creates a time integration function
useful in a variety of applications such as power computa-
tion.
SQUARER CIRCUIT (FREQUENCY DOUBLER)
Squarer, or frequency doubler, operation is achieved by
paralleling the X and Y inputs of the standard multiplier
circuit. Inverted output can be achieved by reversing the
differential input terminals of either the X or Y input.
Accuracy in the squaring mode is typically a factor of two
better than the specified multiplier mode with maximum
error occurring with small (less than 1V) inputs. Better
accuracy can be achieved for small input voltage levels by
reducing the scale factor, SF.
DIVIDER OPERATION
The MPY634 can be configured as a divider as shown in
Figure 4. High impedance differential inputs for the numera-
tor and denominator are achieved at the Z and X inputs,
Hello
FIGURE 3. Conversion of Output to Current.
MPY634
X
1
+V
S
X
2
Out
SF
Z
1
Y
1
Z
2
Y
2
–V
S
–15V
+15V
Y Input
±10V FS
±12V PK
X Input
±10V FS
±12V PK
Current
Sensing
Resistor,
R
S, 2kΩ
min
Integrator
Capacitor
(see text)
I
OUT =
x
(X
1 – X2) (Y1 – Y2)
10V
1
R
S
MPY634
X
1
+V
S
X
2
Out
SF
Z
1
Y
1
Z
2
Y
2
–V
S
–15V
+15V
Y Input
±10V FS
±12V PK
X Input
±10V FS
±12V PK
470k
Ω
Optional
Summing
Input,
Z, ±10V PK
+ Z
2
(X
1 – X2) (Y1 – Y2)
10V
50k
Ω
+15V
–15V
1k
Ω
Optional Offset
Trim Circuit
V
OUT, ±12V PK
=



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com