Electronic Components Datasheet Search
  English  ▼

X  

CY28343 Datasheet(PDF) 5 Page - Cypress Semiconductor

Part # CY28343
Description  Zero Delay SDR/DDR Clock Buffer
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CY28343 Datasheet(HTML) 5 Page - Cypress Semiconductor

  CY28343 Datasheet HTML 1Page - Cypress Semiconductor CY28343 Datasheet HTML 2Page - Cypress Semiconductor CY28343 Datasheet HTML 3Page - Cypress Semiconductor CY28343 Datasheet HTML 4Page - Cypress Semiconductor CY28343 Datasheet HTML 5Page - Cypress Semiconductor CY28343 Datasheet HTML 6Page - Cypress Semiconductor CY28343 Datasheet HTML 7Page - Cypress Semiconductor CY28343 Datasheet HTML 8Page - Cypress Semiconductor CY28343 Datasheet HTML 9Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 10 page
background image
CY28343
Document #: 38-07369 Rev. *A
Page 5 of 10
Byte 2: Output Register (1 = Enable, 0 = Disable)[4]
Bit
@Pup
Pin #
Description
7
1
Reserved for device test.
6
1
Select drive strength for SDR outputs. 1 = Low drive, 0 = High drive
51
Reserved
4
1
21
SDRAM12. 1 = Enable, 0 = Output disabled asynchronously in a low state
3
1
18
SDRAM11. 1 = Enable, 0 = Output disabled asynchronously in a low state
2
1
17
SDRAM10. 1 = Enable, 0 = Output disabled asynchronously in a low state
1
1
16
SDRAM9. 1 = Enable, 0 = Output disabled asynchronously in a low state
0
1
15
SDRAM8. 1 = Enable, 0 = Output disabled asynchronously in a low state
Byte 3: Silicon Register (Read Only)
Bit
@Pup
Pin #
Description
7
1
Vendor ID
1000 Cypress
60
50
40
3
0
Revision ID
20
10
00



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com