Electronic Components Datasheet Search
  English  ▼

X  

CY28343OC Datasheet(PDF) 1 Page - Cypress Semiconductor

Part # CY28343OC
Description  Zero Delay SDR/DDR Clock Buffer
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CY28343OC Datasheet(HTML) 1 Page - Cypress Semiconductor

  CY28343OC Datasheet HTML 1Page - Cypress Semiconductor CY28343OC Datasheet HTML 2Page - Cypress Semiconductor CY28343OC Datasheet HTML 3Page - Cypress Semiconductor CY28343OC Datasheet HTML 4Page - Cypress Semiconductor CY28343OC Datasheet HTML 5Page - Cypress Semiconductor CY28343OC Datasheet HTML 6Page - Cypress Semiconductor CY28343OC Datasheet HTML 7Page - Cypress Semiconductor CY28343OC Datasheet HTML 8Page - Cypress Semiconductor CY28343OC Datasheet HTML 9Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
Zero Delay SDR/DDR Clock Buffer
CY28343
Cypress Semiconductor Corporation
•
3901 North First Street
•
San Jose
•
CA 95134
•
408-943-2600
Document #: 38-07369 Rev. *A
Revised December 26, 2002
Features
• Phase-lock loop clock distribution for DDR and SDR
SDRAM applications
• One-single-end clock input to 6 pairs DDR outputs or
13 SDR outputs.
• External feedback pins FBIN_SDR/FBOUT_SDR are
used to synchronize the outputs to the clock input for
SDR.
• External feedback pins FBIN_SDR/FBOUT_SDR are
used to synchronize the outputs to the clock input for
DDR.
• SMBus interface enables/disables outputs.
• Conforms to JEDEC SDR/DDR specifications
• Low jitter, low skew
• 48 pin SSOP package
Note:
1.
Pins marked with [*] have internal pull-down resistors. Pins marked with [**] have internal pull-up resistors.
Table 1. Function Table
SELDDR_SDR#
CLKIN
SDRAM(0:12)
DDRT/C(0:5)
FBIN_DDR
FBOUT_DDR
FBIN_SDR
FBOUT_SDR
1= DDR Mode
2.5V
Compatible
OFF
Active
2.5V
Compatible
2.5V
Compatible
Active
2.5V
Compatible
OFF
OFF
0 = SDRAM Mode
3.3V
Compatible
Active
3.3V
Compatible
OFF
OFF
OFF
Active
3.3V
Compatible
Active
3.3V
Compatible
Block Diagram
Pin Configuration[1]
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
17
18
19
20
21
22
23
24
VDD_3.3V
SDRAM0
SDRAM1
SDRAM2
SDRAM3
VSS
VDD_3.3V
SDRAM4
SDRAM5
CLKIN
SDRAM6
SDRAM7
VSS
VDD_3.3V
SDRAM8
SDRAM9
SDRAM10
SDRAM11
VSS
VDD_3.3V
SDRAM12
FBOUT_SDR
FBIN_SDR*
VSS
48
47
46
45
44
43
42
41
40
39
38
37
36
35
34
33
32
31
30
29
28
27
26
25
SELDDR_SDR#*
FBIN_DDR*
FBOUT_DDR
VDD_2.5V
DDRT5
DDRC5
DDRT4
DDRC4
VSS
VDD_2.5
DDRT3
DDRC3
DDRT2
DDRC2
VSS
VDD_2.5V
DDRT1
DDRC1
DDRT0
DDRC0
VSS
VDD_3.3V
SCLK**
SDATA**
FBOUT_DDR
DDRT(0:5)
DDRC(0:5)
Control
Logic
FBOUT_SDR
SDRAM(0:12)
SCLK
SDATA
PLL
*SELDDR_SDR
FBIN_DDR
CLKIN
FBIN_SDR
VDD_2.5V
VDD_3.3V
VDD_3.3V


Similar Part No. - CY28343OC

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY28341 CYPRESS-CY28341 Datasheet
189Kb / 21P
Universal Single-Chip Clock Solution for VIA P4M266/KM266 DDR Systems
logo
SpectraLinear Inc
CY28341 SPECTRALINEAR-CY28341 Datasheet
264Kb / 19P
Universal Single-Chip Clock Solution for VIA P4M266/KM266 DDR Systems
logo
Cypress Semiconductor
CY28341-2 CYPRESS-CY28341-2 Datasheet
174Kb / 19P
Universal Clock Chip for VIA P4M/KT/KM400 DDR Systems
logo
SpectraLinear Inc
CY28341-2 SPECTRALINEAR-CY28341-2 Datasheet
228Kb / 18P
Universal Clock Chip for VIA?줡4M/KT/KM400 DDR Systems
logo
Cypress Semiconductor
CY28341-2 CYPRESS-CY28341-2 Datasheet
320Kb / 19P
Universal Clock Chip for VIA?줡4M/KT/KM400 DDR Systems
More results

Similar Description - CY28343OC

ManufacturerPart #DatasheetDescription
logo
Integrated Circuit Syst...
ICS93735 ICST-ICS93735 Datasheet
126Kb / 7P
DDR Phase Lock Loop Zero Delay Clock Buffer
ICS93705 ICST-ICS93705 Datasheet
65Kb / 7P
DDR Phase Lock Loop Zero Delay Clock Buffer
logo
Pericom Semiconductor C...
PI6C2408 PERICOM-PI6C2408 Datasheet
199Kb / 10P
Zero-Delay Clock Buffer
PI6C2409 PERICOM-PI6C2409 Datasheet
167Kb / 8P
Zero-Delay Clock Buffer
PI6C2404A PERICOM-PI6C2404A Datasheet
56Kb / 6P
Zero-Delay Clock Buffer
logo
Winbond
W83176R-735 WINBOND-W83176R-735_06 Datasheet
245Kb / 13P
DIMM DDR ZERO DELAY BUFFER
logo
Pericom Semiconductor C...
PI6C2404A-1 PERICOM-PI6C2404A-1 Datasheet
241Kb / 6P
Zero-Delay Clock Buffer
PI6C2405A PERICOM-PI6C2405A_10 Datasheet
916Kb / 8P
Zero-Delay Clock Buffer
PI6C2409-1H PERICOM-PI6C2409-1H Datasheet
1Mb / 8P
Zero-Delay Clock Buffer
logo
Renesas Technology Corp
ICS93705 RENESAS-ICS93705 Datasheet
343Kb / 9P
DDR Phase Lock Loop Zero Delay Clock Buffer
2019
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com