Electronic Components Datasheet Search
  English  ▼

X  

TLV62080 Datasheet(PDF) 7 Page - Texas Instruments

Click here to check the latest version.
Part # TLV62080
Description  1.2-A and 2-A High-Efficiency Step-Down Converter in 2-mm 횞 2-mm WSON Package
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TLV62080 Datasheet(HTML) 7 Page - Texas Instruments

Back Button TLV62080 Datasheet HTML 3Page - Texas Instruments TLV62080 Datasheet HTML 4Page - Texas Instruments TLV62080 Datasheet HTML 5Page - Texas Instruments TLV62080 Datasheet HTML 6Page - Texas Instruments TLV62080 Datasheet HTML 7Page - Texas Instruments TLV62080 Datasheet HTML 8Page - Texas Instruments TLV62080 Datasheet HTML 9Page - Texas Instruments TLV62080 Datasheet HTML 10Page - Texas Instruments TLV62080 Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 28 page
background image
Input Voltage (V)
2.5
3
3.5
4
4.5
5
5.5
6
0.88
0.885
0.89
0.895
0.9
0.905
0.91
D004
IOUT = 10 mA, TA = 25qC
IOUT = 1 A, TA = 25qC
IOUT = 2 A, TA = 25qC
IOUT = 10 mA, TA = 40qC
IOUT = 1 A, TA = 40qC
IOUT = 2 A, TA = 40qC
IOUT = 10 mA, TA = 85qC
IOUT = 1 A, TA = 85qC
IOUT = 2 A, TA = 85qC
Output Current (A)
1E-5
0.0001
0.001
0.01
0.1
1
2
0
10
20
30
40
50
60
70
80
90
100
D003
VIN = 3.6 V
VIN = 4.2 V
VIN = 5 V
Output Current (A)
1E-5
0.0001
0.001
0.01
0.1
1
2
0
10
20
30
40
50
60
70
80
90
100
D001
VIN = 2.8 V
VIN = 3.6 V
VIN = 4.2 V
Output Current (A)
1E-5
0.0001
0.001
0.01
0.1
1
2
0
10
20
30
40
50
60
70
80
90
100
D002
VIN = 2.8 V
VIN = 3.6 V
VIN = 4.2 V
7
TLV62080, TLV62084, TLV62084A
www.ti.com
SLVSAK9G – OCTOBER 2011 – REVISED SEPTEMBER 2016
Product Folder Links: TLV62080 TLV62084 TLV62084A
Submit Documentation Feedback
Copyright © 2011–2016, Texas Instruments Incorporated
7.6 Typical Characteristics
See Typical Application for characterization setup.
space
Table 1. Table of Graphs
FIGURE
Efficiency
Load current, VOUT = 0.9 V
Figure 1
Load current, VOUT = 1.2 V
Figure 2
Load current, VOUT = 2.5 V
Figure 3
Output Voltage
Accuracy
Input Voltage, VOUT = 0.9 V
Figure 4
Input Voltage, VOUT = 2.5 V
Figure 5
Load current, VOUT = 0.9 V
Figure 6
Load current, VOUT = 2.5 V
Figure 7
Switching Frequency Load current, VOUT = 2.5 V
Figure 8
VOUT = 0.9 V
Figure 1. Efficiency vs Load Current
VOUT = 1.2 V
Figure 2. Efficiency vs Load Current
VOUT = 2.5 V
Figure 3. Efficiency vs Load Current
VOUT = 0.9 V
Figure 4. Output Voltage vs Input Voltage



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com