Electronic Components Datasheet Search
  English  ▼

X  

TLV62080 Datasheet(PDF) 16 Page - Texas Instruments

Click here to check the latest version.
Part # TLV62080
Description  1.2-A and 2-A High-Efficiency Step-Down Converter in 2-mm 횞 2-mm WSON Package
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TLV62080 Datasheet(HTML) 16 Page - Texas Instruments

Back Button TLV62080 Datasheet HTML 12Page - Texas Instruments TLV62080 Datasheet HTML 13Page - Texas Instruments TLV62080 Datasheet HTML 14Page - Texas Instruments TLV62080 Datasheet HTML 15Page - Texas Instruments TLV62080 Datasheet HTML 16Page - Texas Instruments TLV62080 Datasheet HTML 17Page - Texas Instruments TLV62080 Datasheet HTML 18Page - Texas Instruments TLV62080 Datasheet HTML 19Page - Texas Instruments TLV62080 Datasheet HTML 20Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 28 page
background image
EN
(5 V/div)
Time (20 s/div)
µ
V
(1 V/div)
OUT
I
(0.2 A/div)
COIL
PG
(1 V/div)
Time (100 s/div)
µ
V
(50 mV/div)
OUT
3.3 V
4.2 V
V
(1 V/div)
IN
EN
(5 V/div)
Time (20 s/div)
µ
V
(1 V/div)
OUT
I
(0.5 A/div)
COIL
PG
(1 V/div)
16
TLV62080, TLV62084, TLV62084A
SLVSAK9G – OCTOBER 2011 – REVISED SEPTEMBER 2016
www.ti.com
Product Folder Links: TLV62080 TLV62084 TLV62084A
Submit Documentation Feedback
Copyright © 2011–2016, Texas Instruments Incorporated
VIN = 3.3 to 4.2 V
VOUT = 1.2 V
ILOAD = 2.2 Ω
Figure 15. Line Transient
VIN = 3.3 V
VOUT = 1.2 V
ILOAD = 2.2 Ω
Figure 16. Startup
VIN = 3.3 V
VOUT = 1.2 V
Figure 17. Startup (No Load)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com