Electronic Components Datasheet Search
  English  ▼

X  

DG2018 Datasheet(PDF) 3 Page - Vishay Siliconix

Part # DG2018
Description  Low Voltage, Dual DPDT and Quad SPDT Analog Switches
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

DG2018 Datasheet(HTML) 3 Page - Vishay Siliconix

  DG2018 Datasheet HTML 1Page - Vishay Siliconix DG2018 Datasheet HTML 2Page - Vishay Siliconix DG2018 Datasheet HTML 3Page - Vishay Siliconix DG2018 Datasheet HTML 4Page - Vishay Siliconix DG2018 Datasheet HTML 5Page - Vishay Siliconix DG2018 Datasheet HTML 6Page - Vishay Siliconix DG2018 Datasheet HTML 7Page - Vishay Siliconix DG2018 Datasheet HTML 8Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
DG2018/2019
Vishay Siliconix
New Product
Document Number: 72342
S-31644—Rev. A, 01-Aug-03
www.vishay.com
3
SPECIFICATIONS (V+ = 3 V)
Test Conditions
Otherwise Unless Specified
Limits
−40 to 85_C
Parameter
Symbol
V+ = 3 V, "10%
(DG2018 Only) VIN = 0.5 or 1.4 Ve
(DG2019 Only) VL = 1.5 V, VIN = 0.4 or 1.0 Ve
Tempa
Minb
Typc
Maxb
Unit
Analog Switch
Analog Signal Ranged
VNO, VNC,
VCOM
Full
0
V+
V
On-Resistance
rON
V+ = 2.7 V, VCOM = 0.2 V/1.5 V
INO, INC = 10 mA
Room
Full
6
12
15
rON Flatness
rON
Flatness
V+ = 2.7 V
VCOM = 0 to V+ INO INC = 10 mA
Room
0.5
2
W
rON Match Between Channels
DrON
VCOM = 0 to V+, INO, INC = 10 mA
Room
0.6
3
Switch Off Leakage Current
INO(off),
INC(off)
V+ = 3.3 V, VNO, VNC =0.3 V/3 V
Room
Full
−1
−10
0.3
1
10
Switch Off Leakage Current
ICOM(off)
V+ = 3.3 V, VNO, VNC =0.3 V/3 V
VCOM = 3 V/ 0.3 V
Room
Full
−1
−10
0.3
1
10
nA
Channel-On Leakage Current
ICOM(on)
V+ = 3.3 V, VNO, VNC = VCOM = 0.3 V/ 3 V
Room
Full
−1
1.0
0.3
1
10
Digital Control
Input High Voltage
VINH
DG2018
Full
1.4
Input High Voltage
VINH
VL = 1.5 V
DG2019
Full
1.0
V
Input Low Voltage
VINL
DG2018
Full
0.5
V
Input Low Voltage
VINL
VL = 1.5 V
DG2019
Full
0.4
Input Capacitance
Cin
f = 1 MHz
Full
9
pF
Input Current
IINL or IINH
VIN = 0 or V+
Full
−1
1
mA
Dynamic Characteristics
Turn-On Time
tON
VNO or VNC = 2 0 V RL = 300 W CL = 35 pF
Room
Full
42
55
65
Turn-Off Time
tOFF
VNO or VNC = 2.0 V, RL = 300 W, CL = 35 pF
Room
Full
16
25
35
ns
Break-Before-Make Time
td
VNO or VNC = 2.0 V, RL = 50 W, CL = 35 pF
Full
1
Charge Injectiond
QINJ
CL = 1 nF, VGEN = 0 V, RGEN = 0 W
Room
−1.46
pC
Off-Isolationd
OIRR
RL = 50 W CL = 5 pF f = 1 MHz
Room
−54
dB
Crosstalkd
XTALK
RL = 50 W, CL = 5 pF, f = 1 MHz
Room
−53
dB
NO NC Off Capacitanced
CNO(off)
Room
9
NO, NC Off Capacitanced
CNC(off)
VIN = 0 or V+ f = 1 MHz
Room
9
pF
Channel On Capacitanced
CNO(on)
VIN = 0 or V+, f = 1 MHz
Room
30
pF
Channel-On Capacitanced
CNC(on)
Room
30
Power Supply
Power Supply Current
I+
VIN = 0 or V+
Full
0.01
1.0
mA
Notes:
a.
Room = 25°C, Full = as determined by the operating suffix.
b.
Typical values are for design aid only, not guaranteed nor subject to production testing.
c.
The algebraic convention whereby the most negative value is a minimum and the most positive a maximum, is used in this data sheet.
d.
Guarantee by design, nor subjected to production test.
e.
VIN = input voltage to perform proper function.



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com