Electronic Components Datasheet Search
  English  ▼

X  

DG2018 Datasheet(PDF) 5 Page - Vishay Siliconix

Part # DG2018
Description  Low Voltage, Dual DPDT and Quad SPDT Analog Switches
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

DG2018 Datasheet(HTML) 5 Page - Vishay Siliconix

  DG2018 Datasheet HTML 1Page - Vishay Siliconix DG2018 Datasheet HTML 2Page - Vishay Siliconix DG2018 Datasheet HTML 3Page - Vishay Siliconix DG2018 Datasheet HTML 4Page - Vishay Siliconix DG2018 Datasheet HTML 5Page - Vishay Siliconix DG2018 Datasheet HTML 6Page - Vishay Siliconix DG2018 Datasheet HTML 7Page - Vishay Siliconix DG2018 Datasheet HTML 8Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
DG2018/2019
Vishay Siliconix
New Product
Document Number: 72342
S-31644—Rev. A, 01-Aug-03
www.vishay.com
5
TYPICAL CHARACTERISTICS (25_C UNLESS NOTED)
−60
−40
−20
0
20406080
100
Supply Current vs. Input Switching Frequency
Input Switching Frequency (Hz)
0
2
4
6
8
10
0
123
456
rON vs. VCOM and Supply Voltage
VCOM − Analog Voltage (V)
0
1
2
3
4
5
6
7
8
9
0
123
456
rON vs. Analog Voltage and Temperature
VCOM − Analog Voltage (V)
1
1000
10000
Supply Current vs. Temperature
−150
−125
−100
−75
−50
−25
0
25
50
75
100
125
150
0.0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
Leakage vs. Analog Voltage
VCOM, VNO, VNC − Analog Voltage (V)
V+ = 2.7 V
Temperature (_C)
V+ = 5.5 V
VIN = 0 V
10
100
0
10 M
2 M
10 mA
1 mA
100 nA
T = 25_C
ICOM= 10 mA
V+ = 5.5 V
25_C
V+ = 5.5 V
−40_C
85_C
−60
−40
−20
0
20406080
100
1
1000
10000
Leakage Current vs. Temperature
Temperature (_C)
V+ = 5 V
10
100
INO(off), IINC(off)
ICOM(off)
ICOM(on)
V+= 3.3 V
INO(off), INC(off)
ICOM(off)
ICOM(on)
10 nA
0
1 mA
4 M
6 M
8 M
V+ = 2.7 V
85_C
25_C
−40_C
10 mA
100 mA
V+ = 3.3 V



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com