Electronic Components Datasheet Search
  English  ▼

X  

TPS751 Datasheet(PDF) 7 Page - Texas Instruments

Click here to check the latest version.
Part # TPS751
Description  TPS751xxQ with Power Good Output, TPS753xxQ with RESET Output FAST-TRANSIENT-RESPONSE 1.5-A LOW-DROPOUT VOLTAGE REGULATORS
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TPS751 Datasheet(HTML) 7 Page - Texas Instruments

Back Button TPS751 Datasheet HTML 3Page - Texas Instruments TPS751 Datasheet HTML 4Page - Texas Instruments TPS751 Datasheet HTML 5Page - Texas Instruments TPS751 Datasheet HTML 6Page - Texas Instruments TPS751 Datasheet HTML 7Page - Texas Instruments TPS751 Datasheet HTML 8Page - Texas Instruments TPS751 Datasheet HTML 9Page - Texas Instruments TPS751 Datasheet HTML 10Page - Texas Instruments TPS751 Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 31 page
background image
www.ti.com
V
IN
V
res
(1)
V
res
t
t
t
V
OUT
Threshold
Voltage
RESET
Output
100ms
Delay
100ms
Delay
Output
Undefined
Output
Undefined
V
IT+
(2)
Lessthan5%ofthe
OutputVoltage
V
IT+
(2)
V
IT-
(2)
V
IT-
(2)
V
IN
V
PG
(1)
V
PG
V
OUT
V
IT+
(2)
V
IT+
(2)
V
IT-
(2)
V
IT-
(2)
t
t
t
Output
Undefined
Output
Undefined
PG
Output
Threshold
Voltage
TPS751xxQ
TPS753xxQ
SLVS241C – MARCH 2000 – REVISED OCTOBER 2007
TPS753xxQ RESET Timing Diagram
(1)
Vres is the minimum input voltage for a valid RESET. The symbol Vres is not currently listed within EIA or JEDEC
standards for semiconductor symbology.
(2)
VIT: Trip voltage is typically 5% lower than the output voltage (95% VOUT). VIT– to VIT+ is the hysteresis voltage.
TPS751xxQ Power Good Timing Diagram
(1)
VPG is the minimum input voltage for a valid Power Good. The symbol VPG is not currently listed within EIA or JEDEC
standards for semiconductor symbology.
(2)
VIT: Trip voltage is typically 17% lower than the output voltage (83% VOUT). VIT– to VIT+ is the hysteresis voltage.
Copyright © 2000–2007, Texas Instruments Incorporated
Submit Documentation Feedback
7



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com