Electronic Components Datasheet Search
  English  ▼

X  

TPS751 Datasheet(PDF) 13 Page - Texas Instruments

Click here to check the latest version.
Part # TPS751
Description  TPS751xxQ with Power Good Output, TPS753xxQ with RESET Output FAST-TRANSIENT-RESPONSE 1.5-A LOW-DROPOUT VOLTAGE REGULATORS
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TPS751 Datasheet(HTML) 13 Page - Texas Instruments

Back Button TPS751 Datasheet HTML 9Page - Texas Instruments TPS751 Datasheet HTML 10Page - Texas Instruments TPS751 Datasheet HTML 11Page - Texas Instruments TPS751 Datasheet HTML 12Page - Texas Instruments TPS751 Datasheet HTML 13Page - Texas Instruments TPS751 Datasheet HTML 14Page - Texas Instruments TPS751 Datasheet HTML 15Page - Texas Instruments TPS751 Datasheet HTML 16Page - Texas Instruments TPS751 Datasheet HTML 17Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 31 page
background image
www.ti.com
EN
GND
ESR
ToLoad
V
IN
IN
OUT
C
OUT
+
R
L
0.01
0
10
1
Region of Instability
0.1
Region of Stability
0.05
V
=3.3V
C
=100 F
4.3V
T =+25
OUT
OUT
J
m
V
=
C
IN
°
1.5
1.0
0.5
I
OutputCurrent
A
-
-
OUT
0.01
0
10
1
0.1
1.5
1.0
0.5
I
OutputCurrent
A
-
-
OUT
Region of Instability
Region of Stability
V
=3.3V
C
=47 F
4.3V
T =+25
OUT
OUT
J
m
V
=
C
IN
°
TPS751xxQ
TPS753xxQ
SLVS241C – MARCH 2000 – REVISED OCTOBER 2007
TYPICAL CHARACTERISTICS (continued)
Over operating temperature range (TJ= –40°C to +125°C) unless otherwise noted. Typical values are at TJ = +25°C.
Test Circuit for Typical Regions of Stability (Figure 20 and Figure 21) (Fixed Output Options)
Figure 19.
TYPICAL REGION OF STABILITY
TYPICAL REGION OF STABILITY
EQUIVALENT SERIES RESISTANCE(1)
EQUIVALENT SERIES RESISTANCE(1)
vs OUTPUT CURRENT
vs OUTPUT CURRENT
Figure 20.
Figure 21.
(1). Equivalent series resistance (ESR) refers to the total series resistance, including the ESR of the capacitor,
any series resistance added externally, and PWB trace resistance to COUT.
Copyright © 2000–2007, Texas Instruments Incorporated
Submit Documentation Feedback
13



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com